Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 119 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 119 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 115Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 116Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 117Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 118Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 119Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 120Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 121Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 122Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 123Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 202 page
background image
Page 109
TMP86CS64AFG
10.3.2 Event Counter Mode
In the event counter mode, the up-counter counts up at the rising edge of the input pulse to the TC3 pin.
When a match between the up-counter and TC3DRA value is detected, an INTTC3 interrupt is generated and
up-counter is cleared. After being cleared, the up-counter restarts counting at each rising edge of the input
pulse to the TC3 pin. Since a match is detected at the falling edge of the input pulse to TC3 pin, an INTTC3
interrupt request is generated at the falling edge immediately after the up-counter reaches the value set in
TC3DRA.
The maximum applied frequencies are shown in Table 10-2. The pulse width larger than one machine cycle
is required for high-going and low-going pulses.
Setting TC3CR<ACAP> to 1 captures the up-counter value into TC3DRB with the auto-capture function.
The count value during a timer operation can be checked by the read instruction to TC3DRB.
Note:00H which is stored in the up-counter immediately after detection of a match is not captured into TC3DRB.
(Figure 10-2)
Figure 10-4 Event Counter Mode Timing Chart
Example :Inputting 50 Hz pulse to TC3, and generating interrupts every 0.5 s
LD
(TC3CR), 00001110B
: Sets the clock mode
LD
(TC3DRA), 19H
: 0.5 s
÷ 1/50 = 25 = 19H
LD
(TC3CR), 00011110B
: Starts TC3.
Table 10-2 Maximum Frequencies Applied to TC3
Minimum Pulse Width
NORMAL1/2, IDLE1/2 mode
SLOW1/2, SLEEP1/2 mode
High-going
22/fc
22/fs
Low-going
22/fc
22/fs
n
INTTC3 interrupt
TC3 pin input
Counter
TC3DRA
Match detect
Counter clear
Timer start
0
1
2
3
n
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com