Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
Data Sheet
AD4052/AD4058
THEORY OF OPERATION
analog.com
Rev. B | 26 of 66
Chop Control Signal
The AD4052/AD4058 include a control signal called CHOP that
can be used as the control signal for an auto-zero amplifier that
employs chopping in applications that require very low 1/f noise and
offset error. The CHOP signal ensures the synchronization of the
auto-zero amplifier's chopping and the ADC's sampling, removing
the need for complex digital synchronization in the firmware.
The CHOP signal low-to-high and high-to-low transitions occur
every K ADC conversions, where K is a power of 2 and is set by the
CHOP_WIN_LEN bit field as defined in Table 43 and the following
equation:
K=2CHOP_WIN_LENGTH
(3)
fCHOP= fS2
2CHOP_WIN_LENGTH
= fS2K  
(4)
For example, when CHOP_WIN_LENGTH = 0, and K = 1, the
CHOP signal frequency is half of the ADC sampling frequency (fS).
In this case, the CHOP signal transitions from low to high at the end
of one ADC conversion, and then from high to low at the end of the
next ADC conversion completing one CHOP cycle. Because each
CHOP cycle lasts for two ADC conversion periods, the auto-zero
amplifier's chopping frequency is a half of the ADC sampling rate.
The CHOP signal low-to-high and high-to-low transitions occur
following the end of a conversion as shown in Figure 45. When the
CHOP signal low-to-high and high-to-low transitions occur, the au-
to-zero amplifier's output sees glitching that needs to settle before
the next ADC convert start. Synchronization of the ADC sampling
and the auto-zero amplifier's chopping by the internal CHOP signal
minimizes the error from these glitches by maximizing the allowed
settling time for these glitches before the next ADC convert start.
The CHOP signal can be enabled by configuring either the GP0 or
GP1 pin as the CHOP output (see Table 41).
The CHOP signal and the device enable signal (DEV_EN) cannot
be enabled at the same time.
Figure 58, Figure 59, and Figure 60 in the Modes of Operation sec-
tion show timing diagrams of the CHOP signal transitions relative to
the CNV rising edge in sample mode, averaging mode, and burst
averaging mode, respectively. The CHOP signal is not supported in
the autonomous modes.
Figure 45. Typical Application Circuit with CHOP Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com