Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Data Sheet
AD4052/AD4058
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. B | 10 of 66
Table 7. Absolute Maximum Ratings
Parameter
Rating
Analog Inputs
IN+, IN−, REF to GND
−0.3 V to VDD + 0.3 V
Supply Voltages
VDD, VIO to GND
−0.3 V to +3.96 V
CLDO to GND
−0.3 V to +2.1 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Temperature
Storage
−55°C to +150°C
Operating TJ Range
−40°C to +125°C
Maximum Reflow (Package Body)
260°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
Table 8. Thermal Resistance
Package Type1
θJA2
θJC3
Unit
CP-14-7
73.9
52.3
°C/W
CB-16-26
49.6
0.6
°C/W
1 Test Condition 1: thermal impedance simulated values are based upon use of
2S2P JEDEC PCB.
2 θJA is the natural convection junction-to-ambient thermal resistance measured
in a one cubic foot sealed enclosure.
3 θJC is the junction-to-case thermal resistance.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for AD4052/AD4058
Table 9. AD4052/AD4058, 14-Lead LFCSP and 16-Ball WLCSP
ESD Model
Withstand Threshold (kV)
Class
HBM
4
3A
FICDM
1.25
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com