Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Data Sheet
AD4052/AD4058
SPECIFICATIONS
analog.com
Rev. B | 6 of 66
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VDD
990
nA
VIO
VIO = 1.8 V
50
nA
VIO = 3.3 V
260
nA
VDD Active Supply Current 9
Sample Mode and Averaging Mode
fS = 10 kSPS
4
μA
fS = 500 kSPS (AD4058)
0.2
0.27
mA
fS = 1 MSPS (AD4052)
0.4
mA
fS = 1.5 MSPS (AD4052)
0.6
0.75
mA
fS = 2 MSPS (AD4052)
0.8
1
mA
Autonomous Modes
fS = 10 kSPS
1.12
μA
fS = 300 kSPS (AD4058)
34
67
μA
fS = 1 MSPS (AD4052)
112
μA
fS = 2 MSPS (AD4052)
224
300
μA
POWER DISSIPATION
VDD = VIO = 3.3 V
Sleep Mode Power Dissipation
fS = 0 SPS
430
nW
Standby Power Dissipation
fS = 0 SPS
4.1
μW
VDD Energy per Conversion
1.35
nJ
VDD Active Power Dissipation9
Sample Mode and Averaging Mode
fS = 10 kSPS
13.6
μW
fS = 500 kSPS (AD4058)
0.68
0.89
mW
fS = 1 MSPS (AD4052)
1.35
mW
fS = 1.5 MSPS (AD4052)
2
2.5
mW
fS = 2 MSPS (AD4052)
2.7
3.3
mW
Autonomous Modes
fS = 10 kSPS
3.7
μW
fS = 300 kSPS (AD4058)
112
220
μW
fS = 1 MSPS (AD4052)
370
μW
fS = 2 MSPS (AD4052)
740
990
μW
1 Sampling rate specifies the maximum sample rate capabilities of the AD4052/AD4058 ADCs. Output data rate is the number of ADC samples that can be transmitted
over the serial interface per second and is a function of the serial interface timing specifications. In sample mode and averaging mode, the serial interface bottlenecks
the AD4052 output data rate to <2 MSPS. In burst averaging mode and autonomous modes, the output data rate requirements are reduced, and the AD4052 ADC core
can operate at the full 2 MSPS. See the Calculating Serial Interface Output Data Rate section for guidelines for estimating AD4052/AD4058 SPI output data rate for each
operating mode.
2 VIN+ and VIN− represent the voltages on the IN+ and IN− pins, respectively. The AD4052/AD4058 sample and convert the difference between VIN+ and VIN−.
3 See the Wide Input Common-Mode Range section for a detailed description of the AD4052/AD4058 common-mode input voltage range.
4 In the track phase, the total input capacitance is the sum of CIN and the pin capacitance. In the hold phase, CIN is disconnected from the inputs, and the input capacitance is
only the pin capacitance. See Figure 38.
5 The minimum and maximum DNL specifications are guaranteed by design.
6 TUE is defined as the largest deviation from the ideal DC transfer function over the full input range for any individual device. TUE includes the combined effects of
zero-error, gain error, and INL error for each device.
7 Autonomous mode TUE applies to the comparator operation. See the Comparator Operation and the Autonomous Modes sections.
8 The averaging REF input current scales linearly with fS (see Figure 21).
9 VDD supply current and power dissipation scale linearly with sample rate (see the VDD Power Dissipation section, Figure 24, and Figure 27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com