Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 57 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 54Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 57Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 57 of 66
Table 36. Bit Descriptions for INTERFACE_STATUS
Bits
Bit Name
Description
Reset
Access
7
NOT_RDY_ERROR
Interface Not Ready Error. This error bit is set if the user attempts to execute an SPI transaction before the
completion of digital initialization. For example, before a device reset is complete.
0x0
R/W1C
[6:5]
RESERVED
Reserved.
0x0
R
4
SCLK_ERROR
SPI Clock Count Error. This error bit is set when an incorrect number of serial clock periods is received in a
configuration mode SPI transaction. For example, if the data phase does not contain an integer multiple of
8 SCLK periods.
0x0
R/W
3
CRC_ERROR
Interface CRC Error. This error bit is set when the device receives an invalid CRC checksum value on SDI
(in configuration mode). This error bit is only active when CRC is enabled.
0x0
R/W1C
2
WRITE_INVALID
Invalid Write Error Flag. This error bit is set to 1 when the digital host attempts a register write to a register
that contains exclusively read-only bits.
0x0
R/W1C
1
PARTIAL_ERROR
Partial Register Access Error. This error bit is set to 1 when the digital host fails to read or write
from both bytes of a 2-byte register (in configuration mode). For example, terminating a read from the
MAX_LIMIT_REG register after reading only 1 of its 2 bytes.
0x0
R/W1C
0
ADDR_INVALID
Invalid Register Address Error. This error bit is set to 1 when the digital host attempts to read from or write
to an undefined register address.
0x0
R/W1C
DEVICE MODE SELECT REGISTER
Address: 0x20, Reset: 0x00, Name: MODE_SET
Table 37. Bit Descriptions for MODE_SET
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
ENTER_ADC_MODE
Exit Configuration Mode. Write 1 to exit configuration mode at the next CSB rising edge. The device
enters the operating mode selected by the ADC_MODE and AUTO_MODE bits. This bit is cleared
automatically by the exit command.
0x0
R0/W
ADC OPERATING MODE CONFIGURATION REGISTER
Address: 0x21, Reset: 0x80, Name: ADC_MODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com