Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 64 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 61Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 62Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 63Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 64Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 65Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 64 of 66
Table 51. Bit Descriptions for DEVICE_STATUS
Bits
Bit Name
Description
Reset
Access
7
DEVICE_READY
Device Ready Bit. This bit is automatically set to 1 when the device reset and startup sequence is
complete and is ready for serial communications from the digital host.
0x0
R
6
DEVICE_RESET
Device Reset Detection Bit. Indicates a device reset occurred. This bit is cleared by setting it to 1.
0x1
R/W1C
5
INTERFACE_ERR
Interface Error Bit. Indicates if one or more interface communication errors occurs. This bit is the logical
OR of all bits in INTERFACE_STATUS register.
0x0
R
4
THRESH_OVERRUN
Threshold Overrun Bit. This bit is set to 1 when a threshold overrun event is detected. This bit is sticky
and is only cleared by writing it to a 1.
0x0
R/W1C
3
MAX_FLAG
Maximum Threshold Alert Bit. This bit is set to 1 when a maximum threshold violation is detected. This
bit is sticky and is only cleared by writing it to a 1.
0x0
R/W1C
2
MIN_FLAG
Minimum Threshold Alert Bit. This bit is set to 1 when a minimum threshold violation is detected. This bit
is sticky and is only cleared by writing it to a 1.
0x0
R/W1C
1
OVER_RNG_ERR
Overrange Error. Write 1 to clear.
0x0
R/W1C
0
UNDER_RNG_ERR
Underrange Error. Write 1 to clear.
0x0
R/W1C
MAXIMUM INTERRUPT SAMPLE REGISTER
Address: 0x42 − 0x43, Reset: 0x0000, Name: MAX_SAMPLE_REG
Table 52. Bit Descriptions for MAX_SAMPLE_REG
Bits
Bit Name
Description
Reset
Access
[15:0]
MAX_SAMPLE
Maximum Interrupt Sample Result. Contains ADC result generated by maximum threshold interrupt in
trigger mode. Uses the same data format (twos complement or straight binary) as the ADC as set by
the DATA_FORMAT bit.
0x0
R
MINIMUM INTERRUPT SAMPLE REGISTER
Address: 0x44 − 0x45, Reset: 0x0000, Name: MIN_SAMPLE_REG
Table 53. Bit Descriptions for MIN_SAMPLE_REG
Bits
Bit Name
Description
Reset
Access
[15:0]
MIN_SAMPLE
Minimum Interrupt Sample Result. Contains ADC result generated by minimum threshold interrupt in
trigger mode. Uses the same data format (twos complement or straight binary) as the ADC as set by
the DATA_FORMAT bit.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com