Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 59 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 57Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 61Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 62Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 59 of 66
Table 40. Bit Descriptions for AVG_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
AVG_WIN_LEN
Averaging Filter Window Length. Sets the averaging ratio for averaging and burst averaging modes. The
averaging ratio ranges from 2 to 4096 in powers of 2.
0x0
R/W
0x0: 2.
0x1: 4.
0x2: 8.
0x3: 16.
0x4: 32.
0x5: 64.
0x6: 128.
0x7: 256.
0x8: 512.
0x9: 1024.
0xA: 2048.
0xB: 4096.
GENERAL PURPOSE PIN CONFIGURATION REGISTER
Address: 0x24, Reset: 0xF0, Name: GP_CONFIG
Table 41. Bit Descriptions for GP_CONFIG
Bits
Bit Name
Description
Reset
Access
7
DEV_EN_POL
DEV_EN Signal Polarity. Sets the polarity of the DEV_EN signal for compatibility with active high and
active low amplifier enable pins.
0x1
R/W
0: DEV_EN Active Low.
1: DEV_EN Active High (Default).
[6:4]
GP1_MODE
GP1 Pin Function Selection.
0x7
R/W
0x0: Disabled/High-Z.
0x1: GP1_INTR Signal.
0x2: Data Ready Signal.
0x3: DEV_EN Signal.
0x4: CHOP Signal.
0x5: Static Logic Low (GND).
0x6: Static Logic High (VIO).
0x7: DEV_RDY Signal (Default).
3
INVERT_ON_CHOP
Invert on Chop Enable or Disable control.
0x0
R/W
0: Invert on Chop Disabled
1: Invert on Chop Enabled
[2:0]
GP0_MODE
GP0 Pin Function Selection.
0x0
R/W
0x0: Disabled/High-Z (Default).
0x1: GP0_INTR Signal.
0x2: Data Ready Signal.
0x3: DEV_EN Signal.
0x4: CHOP Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com