Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 47 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 43Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 44Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 45Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 46Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 47Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 48Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 49Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 50Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Data Sheet
AD4052/AD4058
APPLICATIONS INFORMATION
analog.com
Rev. B | 47 of 66
voltage reference circuit must maintain a stable and accurate VREF
voltage, despite the charge transient from the AD4052/AD4058
REF pin, to prevent gain error or stuck bits in the conversion
results.
A reference decoupling capacitor (CREF) is strongly recommended
to supply the instantaneous charge drawn by the REF pin while
maintaining the VREF voltage to within an LSB. For optimal perform-
ance, populate CREF with a 2.2 μF capacitor with a case size of
0402 or larger to ensure suitable capacitor voltage coefficient. For
space-constrained applications, a 1 μF capacitor in a case size of
0201 may be used with slight degradation to gain error and INL.
Place the CREF capacitor on the same PCB layer and as close
to the REF pin as possible with a wide trace to minimize series
impedance (see the Layout Recommendations section).
While the AD4052/AD4058 is idling (not performing conversions),
the REF pin draws only a small standby current (8 nA). In applica-
tions where the AD4052/AD4058 intermittently switches between
idling and performing bursts of conversions (for example, when
using burst averaging mode), the IREF quickly shifts from near-zero
current to 60 μA/15 μA for fS = 2 MSPS/ 500 kSPS. This step
in load current triggers an output load transient response in the
reference circuit that must be considered if VREF varies by more
than ½ LSB. The MAX6070 voltage reference is recommended
for its exceptional transient response with low power dissipation.
Figure 75 illustrates the transient loading effects on the reference
circuit in response to a burst of conversions.
Figure 75. Burst Sampling and Voltage Reference Settling
Reference Noise Considerations
The voltage reference circuit noise is critical for achieving the sys-
tem-level dynamic range and SNR target specifications. For large
input signals near full scale, any noise from the reference circuit
will couple into the conversion results and modulate around the
fundamental frequency. Reference noise will also limit the SNR and
resolution improvements gained from using high averaging ratios in
averaging mode and burst averaging mode.
SYNCHRONIZED AMPLIFIER SHUTDOWN AND
ADC SAMPLING
The DEV_EN signal is an amplifier power-down signal generated
by the AD4052/AD4058 and synchronized to the ADC to maximize
amplifier power-up settling time prior to the sampling instant. Figure
44 shows a typical connection diagram when using the AD4052/
AD4058 DEV_EN signal with an operational amplifier. The DEV_EN
signal is assigned to the GP0 output pin in this example.
As described in the Device Enable Signal section, the DEV_EN
signal is asserted following the CNV signal rising edge to enable
the connected amplifier. The sampling instant is delayed until the
user-programmable tPWR_ON delay elapses. After the tPWR_ON delay
elapses, the DEV_EN signal is deasserted to power down the
amplifier. Consult the amplifier data sheet for its shutdown pin logic
levels to ensure compatibility with the AD4052/AD4058 logic levels
that are set by the VIO voltage and given in Table 1.
To ensure the amplifier output settles before the ADC sampling
instant, set the tPWR_ON delay to be longer than the amplifier turn-on
time specification. Turn-on time indicates the time needed for the
amplifier output to settle to a specified accuracy following assertion
of its ENABLE/SHUTDOWN input. Note that turn-on time varies
for different loads and amplifier configurations. The Introduction to
Dynamic Power Scaling article provides guidance on configuring
and evaluating operational amplifier power cycling relative to the
SAR ADC sampling.
See Figure 55 and Figure 57 for timing diagrams using DEV_EN in
the various AD4052/AD4058 operating modes.
ACHIEVING HIGH ACCURACY WITH
REFERENCE SHUTDOWN
Low-noise, high-accuracy voltage references are generally recom-
mended to pair with precision SAR ADCs to maximize system-level
performance. The voltage reference circuit also needs to have low
output impedance and fast transient response to deal with the
SAR ADC REF input transient load, especially when performing
bursts of samples (see the Reference Circuit Design section).
Low-power voltage references generally cannot satisfy all of these
requirements simultaneously, which often forces system designers
to add a reference buffer amplifier, increasing overall system power
dissipation.
The MAX6070 is an exceptionally low-power voltage reference that
can drive the AD4052/AD4058 REF pin directly without an inter-
mediate reference buffer amplifier. For extremely power-sensitive
applications, however, the AD4052/AD4058 offer unique features
that allow the voltage reference to be disabled without degrading
precision.
The AD4052/AD4058 can select the VDD supply as the VREF
source, as described in the Reference Selection Modes section.
To maintain accuracy while using VDD as the VREF, the AD4052/
AD4058 can directly measure the ratio between the VDD supply
and the REF input voltages and calculate a corresponding digital
correction factor to automatically scale the ADC samples according-
ly. The digital correction uses the MON_VAL field described in the
Gain Scaling section to scale the ADC transfer function between
the REF and VDD domains.
The automatic MON_VAL scaling calculation consist of two phases.
Figure 76 illustrates the AD4052/AD4058 configuration while meas-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com