Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 50 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 46Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 47Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 48Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 49Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 50Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 51Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 52Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
Data Sheet
AD4052/AD4058
APPLICATIONS INFORMATION
analog.com
Rev. B | 50 of 66
CALCULATING SERIAL INTERFACE OUTPUT
DATA RATE
The AD4052/AD4058 ADC core performance is specified for fS up
to 2 MSPS/500 kSPS, but the maximum achievable output data
rate (fODR_MAX) is a function of the serial interface specifications
and may limit the practical fS. In sample mode and averaging
mode, for example, the digital host must read the entire ADC result
between the end of the previous conversion and the start of the
next conversion, or else the result is lost. Therefore, the maximum
fS and the minimum sample period (tCYC) for a given application
using these modes is a function of the AD4052/AD4058 and digital
host timing specifications.
In burst averaging mode and the autonomous modes, the ADC
sampling rate is set by the internal timer (see the Internal Timer
section). The serial interface does not limit the sampling rate in
these modes because the digital host does not have to read out an
entire sample within one conversion period.
Figure 80 illustrates the timing restrictions for reading out ADC
data in sample mode and averaging mode. The minimum tCYC
for sample mode and averaging mode can be estimated with the
following equations:
tCYC_MIN=tCONV+tEN+tQUIET+tSCLK×
NBITS−12
(10)
fODR_MAX= 1tCYC_MIN
(11)
where:
tCYC_MIN is the minimum achievable sample period.
fODR_MAX is the maximum achievable output data rate.
tCONV is the maximum conversion time specification.
tEN is the maximum delay between CS falling edge and valid data
on SDO.
tQUIET is the minimum quiet time specification.
tSCLK is the serial clock period.
NBITS is the length of the ADC data packet in bits.
The default values for NBITS are 16 bits for sample mode and 20
bits for averaging mode (see the ADC Mode Output Data Format
section for all options of NBITS for each operating mode).
The AD4052/AD4058 uses SPI Mode 0 (CPOL = CPHA = 0), so the
MSB is launched on the SDO pin following each CS falling edge,
with a delay given by the tEN specification. Equation 10 assumes
the first SCLK rising edge occurs as quickly as possible while
adhering to the tEN specification, but the CS falling edge to SCLK
rising edge delay may vary between digital hosts.
The fastest (minimum) tSCLK periods in Table 5 and Table 6 are
only achievable for digital hosts that can latch SDO data on the
falling edge of SCLK, such as FPGAs, because the maximum tDSDO
delay is longer than half of the minimum tSCLK specification. For
standard microcontrollers interfacing with the AD4052/AD4058, da-
ta are latched on the SCLK rising edges, so the minimum practical
tSCLK is at least 2 × tDSDO. Table 21 provides examples of fODR_MAX
using Equation 10 and Equation 11 and assuming tSCLK = 2 ×
tDSDO instead of the minimum tSCLK specifications in the Timing
Specifications.
Note that the tDSDO delay is specified for a CLOAD of 20 pF. The
estimates in Table 21 do not account for differences in CLOAD,
the setup and hold time specifications of the digital host SPI, or
additional sources of delay within the digital host SPI transactions
(for example, delays to transfer SPI data buffer contents to other
peripherals or the latency of its interrupt handler). The practical
serial clock rate varies between applications and must be independ-
ently verified.
Figure 80. Sample Mode and Averaging Mode Serial Interface Readback Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com