Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 55 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 51Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 52Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 54Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 57Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 55 of 66
Table 29. Bit Descriptions for DEVICE_GRADE
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
DEVICE_REVISION
Device Revision. Indicates the device hardware revision.
0x0
R
SCRATCH PAD REGISTER
Address: 0x0A, Reset: 0x00, Name: SCRATCH_PAD
Interface read/write test register.
Table 30. Bit Descriptions for SCRATCH_PAD
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCH_VALUE
Software Scratchpad. Use this register to test SPI communications with the device. Values written to this
register have no impact on device behavior.
0x0
R/W
VENDOR IDENTIFICATION (LSBYTE) REGISTER
Address: 0x0C, Reset: 0x56, Name: VENDOR_L
Indicates Analog Devices as the vendor for the device. The vendor identification register is used in conjunction with the product identification
registers to identify the AD4052/AD4058 from other Analog Devices products.
Table 31. Bit Descriptions for VENDOR_L
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[7:0]
Vendor Identification Field. The VID[15:0] field is the same value (0x0456) for all Analog Devices precision ADCs.
0x56
R
VENDOR IDENTIFICATION (MSBYTE) REGISTER
Address: 0x0D, Reset: 0x04, Name: VENDOR_H
Indicates Analog Devices as the vendor for the device. The vendor identification register is used in conjunction with the product identification
registers to identify the AD4052/AD4058 from other Analog Devices products.
Table 32. Bit Descriptions for VENDOR_H
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[15:8]
Vendor Identification Field. The VID[15:0] field is the same value (0x0456) for all Analog Devices precision ADCs.
0x04
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com