Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 65 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 61Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 62Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 63Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 64Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 65Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
Data Sheet
AD4052/AD4058
OUTLINE DIMENSIONS
analog.com
Rev. B | 65 of 66
Figure 81. 14-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 2.6 mm Body and 0.75 mm Packaging Height
(CP-14-7)
Dimensions shown in millimeters
Figure 82. 16-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-16-26)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
AD4052BCPZ-RL7
−40°C to +125°C
14-Lead LFCSP (2.00 mm × 2.6 mm × 0.75 mm)
REEL, 3000
CP-14-7
AD4052BCBZ-RL7
−40°C to +125°C
16-Ball WLCSP (1.67 mm × 1.97 mm × 0.5 mm)
REEL, 3000
CB-16-26
AD4052BCPZ-R2
−40°C to +125°C
14-Lead LFCSP (2.00 mm × 2.6 mm × 0.75 mm)
REEL, 1250
CP-14-7
AD4058BCPZ-RL7
−40°C to +125°C
14-Lead LFCSP (2.00 mm × 2.6 mm × 0.75 mm)
REEL, 3000
CP-14-7
AD4058BCBZ-RL7
−40°C to +125°C
16-Ball WLCSP (1.67 mm × 1.97 mm × 0.5 mm)
REEL, 3000
CB-16-26
AD4058BCPZ-R2
−40°C to +125°C
14-Lead LFCSP (2.00 mm × 2.6 mm × 0.75 mm)
REEL, 250
CP-14-7
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com