Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 38 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 40Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Data Sheet
AD4052/AD4058
SERIAL INTERFACE
analog.com
Rev. B | 38 of 66
The AD4052/AD4058 digital interface includes a 4-wire SPI for
serial data transfer, a CNV input for triggering ADC conversions,
and two general-purpose digital outputs, GP0 and GP1. The SPI
is primarily used for reading and writing the AD4052/AD4058 con-
figuration registers and for reading the ADC results. The Modes of
Operation section describe the SPI functionality and protocols for
each operating mode.
A 200 Ω series resistor is recommended between the AD4052/
AD4058 CNV pin and the digital host (see Figure 72). When
using pull-up or pull-down resistors on the digital traces, 100 kΩ is
recommended to minimize excess power dissipation.
The AD4052/AD4058 SPI follows clock polarity (CPOL) = clock
phase (CPHA) = 0 protocol, where the SCLK signal idles low, data
is latched on SDI on SCLK rising edge, and data is updated on
SDO on SCLK falling edge.
The AD4052/AD4058 include a CRC for register reads and writes
and ADC data reads supporting robust data transfers. The ADC
data are formatted to integer multiples of bytes to maximize com-
patibility with microcontroller internal memory transfer operations
such as direct memory access (DMA) transfers from the SPI to
the central processing unit (CPU). See the ADC Mode Output Data
Format section for details on CRC and sign extension.
The interface logic level is set by the VIO supply voltage, as
specified in Table 1. The AD4052/AD4058 support 1.8 V, 2.5 V, and
3.3 V logic systems. Note that the SPI timing specifications differ
between each operating mode and for different VIO logic levels
(see the Timing Specifications section).
CONFIGURATION MODE
Configuration mode is used to read and write to the user registers
that configure the AD4052/AD4058 operating modes and features.
Configuration mode is the default operating mode following pow-
er-up and device resets. In configuration mode, the digital host
accesses the user registers via the SPI, and the AD4052/AD4058
CNV input is ignored to prevent the ADC core from performing
unnecessary conversions. Register reads and writes are supported
only in configuration mode.
Figure 65 shows the data format for register reads and writes
in configuration mode. Register reads and writes consist of an
instruction phase followed by a data phase. The following sections
provide further details about each phase of register read and write
transactions.
Figure 65. Configuration Mode SPI Format
Instruction Phase
The instruction phase begins following each CS falling edge. There
is only one instruction phase per SPI frame, and the instruction
phase is followed by one or more data phases. The instruction
phase consists of the R/W bit, followed by the address of the
register being accessed (REG_ADDR). Data are latched on the
SDI input on the SCLK rising edges. The R/W bit specifies if the
SPI transaction is a register read or a register write. Set R/W to
1 for register reads and 0 for register writes. The AD4052/AD4058
also output a status word (STATUS_WORD) on SDO during the
instruction phase (see the Status Word section).
The addresses for all configuration registers are given in the Regis-
ter Summary section. The default length of the instruction phase
is 8 bits, with REG_ADDR length of 7 bits. The instruction phase
can optionally be extended to 16 bits, with REG_ADDR length of
15 bits, in order to clock out the entire STATUS_WORD. Set the
ADDR_LEN bit in the INTERFACE_CONFIG_B register to 0 to
extend the instruction phase to 16 bits.
Status Word
The AD4052/AD4058 instruction phase includes a status word
(STATUS_WORD) for transmitting basic device state information to
the digital host. The STATUS_WORD is clocked out on the SDO
pin during the instruction phase, as shown in Figure 65. Table 17
shows the contents of the STATUS_WORD. All STATUS_WORD
bits correspond to select bit fields from the configuration registers
(see the Register Details section).
The length of the STATUS_WORD is either 1 byte or 2 bytes long
and is equal to the length of the register access command as set
by the ADDR_LEN bit (see the Instruction Phase section). The
least significant byte of the STATUS_WORD is always included,
regardless of the ADDR_LEN setting. The most significant byte of
the STATUS_WORD is only included when the ADDR_LEN bit is
set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com