Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 40 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 40Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 42Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 43Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Data Sheet
AD4052/AD4058
SERIAL INTERFACE
analog.com
Rev. B | 40 of 66
Register Access CRC
The AD4052/AD4058 include optional error checking for register
reads and writes based on CRC-8, using the following polynomial:
x8+x2+x+1
(6)
The CRC is enabled by setting the CRC_EN and CRC_EN_B bit
fields to 0x1 and 0x2, respectively. When the CRC is enabled,
an 8-bit checksum code is appended to each register data byte,
as shown in Figure 66. The value of the checksum is calculated
from the data read or written over the SPI, which allows the
AD4052/AD4058 and the digital host to detect corrupted serial
communications.
When the AD4052/AD4058 receive a checksum that is inconsistent
with its corresponding SPI transaction, the transaction is considered
invalid, and the SPI_CRC_ERR bit in the INTERFACE_STATUS
register is set to 1. The SPI_CRC_ERR bit is a write-1-to-clear bit
(R/W1C). When the CRC is enabled, it is recommended to check
the SPI_CRC_ERR bit after each register read and write attempt.
When a register write has an invalid CRC, the contents of the
register are not updated. For bulk register writes such as those
shown in Figure 66, the AD4052/AD4058 also ignore data for
registers following the invalid CRC. When a register read has an
invalid CRC, the digital host must discard the received data and
retry the register read.
The CRC-8 calculation is seeded by a nonzero value to detect if the
data lines are stuck low. The seed for the first CRC following each
CS falling edge is 0xA5. When performing bulk reads or writes, the
seed for all subsequent CRCs is the least significant byte (LSByte)
of the current register address. Table 18 summarizes the data and
seed values for all possible register read and write transactions in
configuration mode.
Table 18. CRC Data and Seed Values for Configuration Mode SPI Transactions
SPI Transaction Type
Pin
First CRC
Subsequent CRCs
Write
SDI
Seed = 0xA5, Data = [instruction phase data, register write
data]
Seed = LSByte of register address, Data = register write data
SDO
Seed = 0xA5, Data = [instruction phase data, register write
data]
Seed = LSByte of register address, Data = register write data
Read
SDI
Seed = 0xA5, Data = [instruction phase data, padding]
Not applicable
SDO
Seed = 0xA5, Data = [instruction phase data, register read
data]
Seed = LSByte of register address, Data = register read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com