Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 45 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 42Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 43Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 44Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 45Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 46Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 47Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 48Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Data Sheet
AD4052/AD4058
APPLICATIONS INFORMATION
analog.com
Rev. B | 45 of 66
ANALOG FRONT-END DESIGN
Wide Input Common-Mode Range
The AD4052/AD4058 analog inputs feature a wide common-mode
input voltage range that is only restricted by the absolute voltage
range for each input (see Table 1). The IN+ and IN− signals
can span anywhere between 0 V and VREF without violating the
common-mode input voltage specification (VCM), ensuring compati-
bility with both differential and single-ended type signals. The VCM
voltage is given in the following equation and illustrated in Figure
73.
The AD4052/AD4058 convert the differential voltage between IN+
and IN−, and the common-mode signal is attenuated by the CMRR
(see Table 1 and Figure 18).
VCM=VIN++VIN−2
(7)
Figure 73. AD4052/AD4058 Wide Input Common-Mode Range
AD4052/AD4058 Equivalent Analog Input Model
As described in the Analog Inputs section, the AD4052/AD4058
analog inputs can be modeled as switched capacitive loads, with
the IN+ and IN− inputs each connected to a 3.4 pF sampling capac-
itor through a set of sampling switches (SW1). As part of each
conversion phase, the SW1 switch disconnects and reconnects
the sampling capacitors (CIN) from the IN+ and IN− pins, causing
transient input current and voltage glitches at the output of the
AFE circuit. The small CIN of the AD4052/AD4058 ensures the
magnitude of the transient current and voltage spikes is minimal
compared to other SAR ADCs, but the AFE must still be designed
to settle these glitches quickly enough (before the next conversion)
to meet the accuracy and performance specifications in Table 1.
Figure 74 shows an equivalent load circuit model of the AD4052/
AD4058 IN+ and IN− inputs. SW1 represents the sampling switches
and SW2 represents the CIN reset switch. The SW1 switch opens at
the beginning of the conversion phase to sample the IN+ and IN−
voltages on the CIN capacitors. Before the start of the acquisition
phase, the SW2 switch shorts the sampling capacitors together
to reset them to a known, predictable state. Because the CIN
capacitance is the same for both IN+ and IN−, the reset voltages
on each capacitor are equivalent and are given by the following
equation:
VIN++VIN−
2
(8)
where VIN+ and VIN− are the sampled IN+ and IN− voltages, respec-
tively. Note that this formula is the same as the common-mode input
voltage formula given in Equation 7.
As mentioned in the Converter Operation section, the AD4052/
AD4058 acquisition and conversion phases overlap. The acquisition
phase starts 210 ns after the start of the conversion phase. At
the start of the acquisition phase, the SW2 switch opens and the
SW1 switch closes to reconnect CIN to the AD4052/AD4058 inputs
to acquire the signal. At the instant SW1 closes, the IN+ and IN−
inputs sink or source some charge from the AFE circuit to recharge
the CIN capacitors to the intended signal voltage. The transient
current spike causes transient voltage glitches on each pin, with
magnitudes that are a function of the amount of charge pulled by
the CIN capacitors and the output impedance of the AFE circuit.
The SW2 switch is implemented to minimize linearity errors if
the AFE cannot completely settle the input glitch before the next
conversion phase. The SW2 switch ensures the charge transfer per
sample is linearly related to the input signal voltage. The worst-case
current and voltage glitch magnitude occur when the differential
input voltage is equal to VREF. For example, when VIN− = 0 V, and
VIN+ = VREF = 3.3 V, the charge transfer per sample is 5.6 pC
into the IN− input and out of the IN+ input. The steady-state input
current is, therefore, also linearly related to input voltage, as shown
in Figure 20. Settling error with the AD4052/AD4058, therefore,
appears as additional gain error rather than degradation in INL and
THD.
An RC kickback filter is recommended on each of the IN+ and IN−
pins to attenuate the voltage glitch on the output of the AFE circuit
(see Figure 72). The Front-End Amplifier and RC Filter Design
for a Precision SAR Analog-to-Digital Converter article provides
guidance for selecting the RC components of the kickback filter to
ensure proper settling. Table 19 provides general RC component
recommendations for the AD4052/AD4058 for several sample rates
(RFILT and CFILT are the resistor and capacitor values in the RC
kickback filter, respectively). The values in Table 19 are provided for
initial guidance, and the system designer must verify the companion
amplifier is stable driving these RC loads.
The AD4052/AD4058 LTspice model emulates the equivalent ana-
log input model shown in Figure 74 when configured for transient
simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com