Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD4058BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Data Sheet
AD4052/AD4058
SPECIFICATIONS
analog.com
Rev. B | 5 of 66
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Averaging mode and burst averaging mode, averaging
ratio (NAVG) = 4
56
μVrms
Averaging mode and burst averaging mode, averaging
ratio NAVG = 4096
2.2
μVrms
Dynamic Range
Differential Mode
Sample mode (no averaging)
86.1
Averaging mode, burst averaging mode, NAVG = 4
92.1
Averaging mode, burst averaging mode, NAVG = 4096
120.7
Single-Ended Mode
Sample mode (no averaging)
80.1
Averaging mode, burst averaging mode, NAVG = 4
86.1
Averaging mode, burst averaging mode, NAVG = 4096
114.7
Signal-to-Noise Ratio (SNR)
VIN = −0.5 dBFS, input frequency (fIN) = 1 kHz
Differential Mode
Sample mode (no averaging)
86.1
dB
Averaging mode, NAVG = 4
92.1
dB
Averaging mode, NAVG = 256
110
dB
Single-Ended Mode
Sample mode (no averaging)
80.1
dB
Averaging mode, NAVG = 4
86.1
Averaging mode, NAVG = 256
104
Total Harmonic Distortion (THD)
VIN = −0.5 dBFS, fIN = 1 kHz, sample mode
-118
-109
dB
Signal-to-Noise and Distortion (SINAD)
VIN = −0.5 dBFS, fIN = 1 kHz, sample mode
Differential Mode
86.1
dB
Single-Ended Mode
80.1
dB
−3 dB Input Bandwidth
200
MHz
DIGITAL INPUTS
Input Low Voltage (VIL)
−0.1 × VIO
+0.3 × VIO
V
Input High Voltage (VIH)
0.7 × VIO
1.1 × VIO
V
Input Low Current (IIL)
−1
+1
μA
Input High Current (IIH)
−1
+1
μA
Digital Input Capacitance
3
pF
DIGITAL OUTPUTS
Output Low Voltage (VOL)
Digital output current = +500 μA
0.3
V
Output High Voltage (VOH)
Digital output current = −500 μA
VIO − 0.3
V
Digital Output Short-Circuit Current
VIO = 3.3 V
Sourcing
Logic high shorted to 0 V
48
mA
Sinking
Logic low shorted to 3.3 V
38
mA
POWER REQUIREMENTS
VDD
2.3
3.6
V
VIO
1.71
3.6
V
POWER SUPPLY CURRENT
VDD = 3.3 V
Sleep Mode Current
fS = 0 SPS
VDD
10
nA
VIO
VIO = 1.8 V
20
nA
VIO = 3.3 V
120
nA
Standby Current
fS = 0 SPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com