Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD4058BCPZ-R2 Datasheet HTML 1Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 2Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Data Sheet
AD4052/AD4058
Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Small footprint, big performance
►
INL: ±0.5 LSB maximum
►
SNR: 86.1 dB with VREF = 3.3 V
►
1.35 nJ per conversion
►
1.35 mW/0.68 mW at 1 MSPS/500 kSPS in sample mode
►
370 μW/112 μW at 1 MSPS/300 kSPS in autonomous modes
►
4.1 μW standby power
►
Versatile signal conditioning integration
►
Easy Drive features enable small, low-power AFE designs
►
Compatible with differential and single-ended signal chains
►
Wide common-mode input range
►
Minimizes digital host activity and power dissipation
►
Autonomous sampling with window comparator and interrupt
generation
►
Averaging filter with continuous and burst sampling options
►
Power cycling synchronization for companion devices
►
4-wire SPI compatible with 1.8 V to 3.3 V logic
►
2.00 mm × 2.6 mm LFCSP and 1.67 mm × 1.97 mm WLCSP
►
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
►
Battery-powered data acquisition
►
Vital signs monitoring
►
Biological and chemical analysis
►
Geologic and seismic sensing
►
Motion and robotics
GENERAL DESCRIPTION
The AD4052/AD4058 are versatile, 16-bit, successive approxima-
tion register (SAR) analog-to-digital converters (ADCs) that enable
low-power, high-density data acquisition solutions without sacrific-
ing precision. These ADCs offer a unique balance of perform-
ance and power efficiency, plus innovative features for seamlessly
switching between high-resolution and low-power modes tailored to
the immediate needs of the system. The AD4052/AD4058 are ideal
for battery-powered, compact data acquisition and edge sensing
applications.
The Easy Drive features enable highly efficient analog front end
(AFE) designs. The small sampling capacitors (3.4 pF) maximize in-
put impedance, thus reducing the dependence on high-bandwidth,
power-hungry amplifiers typically required by SAR ADCs. The wide
input common-mode range grants inherent support for both differ-
ential and single-ended signals.
The AD4052/AD4058 support microcontrollers with power-down
modes and interrupt-driven firmware. The autonomous modes en-
able out-of-range event detection while the digital host sleeps.
The averaging modes deliver on-demand, high-resolution measure-
ments while offloading computations from the host processor. The
self timed device enable signal (DEV_EN) synchronizes AFE de-
vice power cycling to the ADC sampling instant, optimizing system
power consumption while minimizing power-up settling error arti-
facts. The AD4052/AD4058 also support power cycling the voltage
reference and using the supply as the ADC reference voltage
(VREF) for additional power savings.
The device configuration and ADC data readback are supported
via a robust, 4-wire serial peripheral interface (SPI) with cyclic
redundancy check (CRC) supported for all data transfers. The
AD4052/AD4058 are available in compact LFCSP and WLCSP
packages and operate across a wide temperature range, making
them ideal for a diverse set of applications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - AD4058BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD405-00 ETC2-AD405-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD4050 AD-AD4050 Datasheet
2Mb / 65P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. 0
AD4050 AD-AD4050 Datasheet
2Mb / 67P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. A
AD4050BCBZ-RL7 AD-AD4050BCBZ-RL7 Datasheet
2Mb / 65P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. 0
AD4050BCBZ-RL7 AD-AD4050BCBZ-RL7 Datasheet
2Mb / 67P
Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
Rev. A
More results

Similar Description - AD4058BCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4695 AD-AD4695 Datasheet
1Mb / 96P
16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
12/2020-Revision 0
logo
Microchip Technology
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com