Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Data Sheet
AD4052/AD4058
THEORY OF OPERATION
analog.com
Rev. B | 27 of 66
Invert On CHOP
The AD4052/AD4058 also include a bit field called IN-
VERT_ON_CHOP that can be enabled to use the CHOP signal
as an ADC sample inversion controller.
Table 15 shows the logic table for sample inversion control based
on the status of the INVERT_ON_CHOP setting and the CHOP
signal state. When INVERT_ON_CHOP is enabled, the ADC inverts
its transfer function in step with the CHOP signal. This allows the
AD4052/AD4058 to function as the auto-zero demodulation stage if
the chopper amplifier does not include it.
When the CHOP signal is enabled, the state of the IN-
VERT_ON_CHOP field determines whether or not the ADC sam-
ples are inverted. However, when the CHOP signal is disabled,
INVERT_ON_CHOP is considered "don't care" because the CHOP
signal is always assumed to be low.
The INVERT_ON_CHOP function can be enabled or disabled by
configuring the bit associated with it as low or high, as described in
Table 41.
Table 15. INVERT_ON_CHOP logic table
INVERT_ON_CHOP
CHOP
Invert Sample
False
Low
False
True
Low
False
False
High
False
True
High
True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com