Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 62 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 61Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 62Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 63Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 64Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 65Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
Data Sheet
AD4052/AD4058
REGISTER DETAILS
analog.com
Rev. B | 62 of 66
Table 44. Bit Descriptions for TIMER_CONFIG (Continued)
Bits
Bit Name
Description
Reset
Access
0x4: 30 µs.
0x5: 100 µs.
0x6: 330 µs.
0x7: 1 ms.
0x8: 2 ms.
0x9: 3 ms.
0xA: 4 ms.
0xB: 5 ms.
0xC: 6 ms.
0xD: 7 ms.
0xE: 8 ms.
0xF: 9 ms.
1 NOTE that the 2 MSPS and 1 MSPS settings are invalid for the AD4058. On the AD4058, the FS_BURST_AUTO register must be updated accordingly before entering the
burst averaging mode or the autonomous modes.
MAXIMUM THRESHOLD CONFIGURATION REGISTER
Address: 0x28 to 0x29, Reset: 0x0000, Name: MAX_LIMIT_REG
Table 45. Bit Descriptions for MAX_LIMIT_REG
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
[11:0]
MAX_LIMIT
Maximum Threshold Limit Setting. Sets the maximum threshold limit for autonomous modes. Uses
the same data format (twos complement or straight binary) as the ADC as set by the DATA_FORMAT
bit.
0x0
R/W
MINIMUM THRESHOLD CONFIGURATION REGISTER
Address: 0x2A to 0x2B, Reset: 0x0000, Name: MIN_LIMIT_REG
Table 46. Bit Descriptions for MIN_LIMIT_REG
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
[11:0]
MIN_LIMIT
Minimum Threshold Limit Setting. Sets the minimum threshold limit for autonomous modes. Uses the
same data format (twos complement or straight binary) as the ADC as set by the DATA_FORMAT bit.
0x0
R/W
MAXIMUM THRESHOLD HYSTERESIS REGISTER
Address: 0x2C, Reset: 0x00, Name: MAX_HYST_REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com