Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4058BCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4058BCPZ-R2
Description  Compact, Low Power, 16-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4058BCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4058BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD4058BCPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Data Sheet
AD4052/AD4058
THEORY OF OPERATION
analog.com
Rev. B | 20 of 66
ANALOG INPUTS
Figure 38. Equivalent Analog Input Circuit
Figure 38 shows an equivalent circuit for each of the AD4052/
AD4058 analog inputs (IN+ and IN−). The analog inputs are mod-
eled as a switched capacitive load. During the acquisition phase,
the sampling switch (SW) connects each input pin to the 3.4
pF sampling capacitor (CIN) in series with the 230 Ω switch on
resistance (RON). During the conversion phase, SW disconnects to
sample the voltages on the IN+ and IN− pins onto the sampling
capacitors. D1 and D2 represent the ESD diodes from the IN+ and
IN− pins to the VDD supply and GND, respectively. CPIN represents
the pin capacitance of each input pin to GND and is typically 2 pF.
See the AD4052/AD4058 Equivalent Analog Input Model section
for more information on the effective loading characteristics of the
AD4052/AD4058 analog inputs.
Easy Drive Features
The AD4052/AD4058 Easy Drive analog inputs are designed to
enable compact, low-power precision signal chains by minimizing
dependence on specialized high-speed, low-noise, high-power ADC
driver amplifiers. The small sampling capacitors minimize the transi-
ent current glitches typical of SAR ADCs, and the long acquisition
phase maximizes the settling time—even at high sample rates.
The RC kickback filter uses smaller capacitors and larger resistors,
alleviating amplifier stability concerns and enabling the use of
tiny passive components (for example, 0201 NP0/C0G capacitors).
These Easy Drive features ensure the AD4052/AD4058 interface
with front-end circuits with high output impedance without incurring
settling errors, expanding compatibility with low-power amplifiers
and sensors (see the Analog Front-End Design section).
The AD4052/AD4058 are available in the LTspice component library
and support cosimulation with a wide variety of companion amplifi-
ers. The LTspice model emulates the input-referred noise spectral
density and input transient loading for system noise and settling
accuracy simulations.
VOLTAGE REFERENCE
The VREF voltage sets the ADC FSR (see the Transfer Function
section). The AD4052/AD4058 VREF range is 2.3 V to VDD, where
the maximum VDD supply voltage is 3.6 V (see Table 1).
The VREF voltage is polled during the SAR bit trials to determine
the ADC output code. During the bit trials, the SAR core exhibits
transient charge draw. To ensure the VREF voltage remains stable
during the SAR bit trials, place a 2.2 μF decoupling capacitor as
close to the REF pin as possible. Lower decoupling capacitance
values (for example, 1 μF) may be used with slight performance
degradations. See the Reference Circuit Design section for more
recommendations for pairing voltage references with the AD4052/
AD4058.
Reference Selection Modes
The AD4052/AD4058 VREF voltage can be sourced from either the
REF input pin or the VDD supply pin. By default, the REF pin
acts as the VREF source, and this setting is the intended mode
to achieve the performance specifications given in Table 1. The
VDD supply option is provided to support low-power measurements
where accuracy is not critical or to allow the system to power cycle
the voltage reference for long periods of time to save system power.
The VREF source option is controlled with the REF_SEL bit in the
ADC_CONFIG register (see Table 39).
The AD4052/AD4058 include an automated gain scaling function,
where the ADC core samples the REF voltage as a fraction of
the VDD supply voltage and stores the appropriate gain scaling
value into the MON_VAL register, such that using VDD as the
VREF source has the same ADC transfer function as REF. This
allows the system to power down the voltage reference circuitry for
extended periods of time with similar levels of performance. See
the Achieving High Accuracy with Reference Shutdown section for
a detailed description of the automated gain scaling feature.
Figure 39. Reference Source Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com