Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 138 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 138 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 134Page - Texas Instruments CC1010-RTY1 Datasheet HTML 135Page - Texas Instruments CC1010-RTY1 Datasheet HTML 136Page - Texas Instruments CC1010-RTY1 Datasheet HTML 137Page - Texas Instruments CC1010-RTY1 Datasheet HTML 138Page - Texas Instruments CC1010-RTY1 Datasheet HTML 139Page - Texas Instruments CC1010-RTY1 Datasheet HTML 140Page - Texas Instruments CC1010-RTY1 Datasheet HTML 141Page - Texas Instruments CC1010-RTY1 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 150 page
background image
CC1010
SWRS047A
Page 138 of 146
24. SFR Summary
A summary of all SFRs with address, register names, bit names and reset values are shown in Table 40 below.
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Page
0x80
P0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
00001111
49
0x81
SP
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
00000111
24
0x82
DPL0
DPL0.7
DPL0.6
DPL0.5
DPL0.4
DPL0.3
DPL0.2
DPL0.1
DPL0.0
00000000
21
0x83
DPH0
DPH0.7
DPH0.6
DPH0.5
DPH0.4
DPH0.3
DPH0.2
DPH0.1
DPH0.0
00000000
21
0x84
DPL1
DPL1.7
DPL1.6
DPL1.5
DPL1.4
DPL1.3
DPL1.2
DPL1.1
DPL1.0
00000000
21
0x85
DPH1
DPH1.7
DPH1.6
DPH1.5
DPH1.4
DPH1.3
DPH1.2
DPH1.1
DPH1.0
00000000
21
0x86
DPS
-
-
-
-
-
-
-
SEL
00000000
22
0x87
PCON
SMOD0
-
-
-
GF1
GF0
STOP
IDLE
00110000
36
0x88
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000
54
0x89
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00000000
53
0x8A
TL0
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
00000000
52
0x8B
TL1
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.0
00000000
52
0x8C
TH0
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
00000000
52
0x8D
TH1
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
00000000
52
0x8E
CKCON
-
-
T2M
T1M
T0M
MD2
MD1
MD0
00000001
55
0x8F
-
-
-
-
-
-
-
-
-
00000000
-
0x90
P1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
11111111
49
0x91
EXIF
TF3
ADIF
TF2
RFIF
-
-
-
-
00001000
30
0x92
MPAGE
MPAGE7
MPAGE6
MPAGE5
MPAGE4
MPAGE3
MPAGE2
MPAGE1
MPAGE0
00000000
22
0x93
ADCON
AD_PD
-
ADCM1
ADCM0
ADCREF
ADCRUN
ADADR1
ADADR0
10000000
81
0x94
ADDATL
ADDAT7
ADDAT6
ADDAT5
ADDAT4
ADDAT3
ADDAT2
ADDAT1
ADDAT0
00000000
81
0x95
ADDATH
-
-
-
-
-
-
ADDAT9
ADDAT8
00000000
81
0x96
ADCON2
ADCIE
ADCIF
ADCDIV5
ADCDIV4
ADCDIV3
ADCDIV2
ADCDIV1
ADCDIV0
00000000
82
0x97
ADTRH
ADTRH7
ADTRH6
ADTRH5
ADTRH4
ADTRH3
ADTRH2
ADTRH1
ADTRH0
00000000
82
0x98
SCON0
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00000000
67
0x99
SBUF0
SBUF0.7
SBUF0.6
SBUF0.5
SBUF0.4
SBUF0.3
SBUF0.2
SBUF0.1
SBUF0.0
00000000
66
0x9A
.
-
-
.
.
.
.
.
.
00000000
-
0x9B
-
-
-
-
-
-
-
-
-
00000000
-
0x9C
-
-
-
-
-
-
-
-
-
00000000
-
0x9D
-
-
-
-
-
-
-
-
-
00000000
-
0x9E
-
-
-
-
-
-
-
-
-
00000000
-
0x9F
CHVER
CHIP_TYPE5
CHIP_TYPE4
CHIP_TYPE3
CHIP_TYPE2
CHIP_TYPE1
CHIP_TYPE0
CHIP_REV1
CHIP_REV0
00000001
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com