Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 38 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 34Page - Texas Instruments CC1010-RTY1 Datasheet HTML 35Page - Texas Instruments CC1010-RTY1 Datasheet HTML 36Page - Texas Instruments CC1010-RTY1 Datasheet HTML 37Page - Texas Instruments CC1010-RTY1 Datasheet HTML 38Page - Texas Instruments CC1010-RTY1 Datasheet HTML 39Page - Texas Instruments CC1010-RTY1 Datasheet HTML 40Page - Texas Instruments CC1010-RTY1 Datasheet HTML 41Page - Texas Instruments CC1010-RTY1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 150 page
background image
CC1010
SWRS047A
Page 38 of 146
to determine when a page write is finished.
When a read instruction returns anything
other than $FF all flash write operations
have finished.
15.12.1 SPI Flash Programming
Instructions
9 instructions are defined to perform the
serial
Flash
programming.
These are
shown in Table 16.
Instruction
Byte 1
Byte 2
Byte 3
Byte 4
Operation
Programming
Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable serial
programming after
PROG
is set low
Set Flash
Timing
1010 1100
0101 1101
xxxx xxxx
xxii iiii
Set the Flash timing
register
Chip Erase
1010 1100
100
x xxxx
xxxx xxxx
xxxx xxxx
Chip erase. Clears all
pages, including the
lock bits.
Load Program
Memory Page
0100 H000
xxxx xxxx
bbbb bb
xx
iiii iiii
Load data i to
Programming Buffer at
address b:H
Write Program
Memory Page
0100 1100
aaaa aaaa
xxxx xxxx
xxxx xxxx
Write the loaded page
at address a.
Read Program
Memory
0010 H000
aaaa aaaa
bbbb bb
xx
oooo oooo
Read data o at address
a:b:H
Write Lock Bits
1010 1100
111
x xxxx
xxxx xxxx
iiii iiii
Write Lock Bits. Bits
written will be ANDed
together with the
existing lock bits.
Read Lock
Bits
0101 1000
xxxx xxxx
xxxx xxxx
oooo oooo
Read lock bits.
Read
Signature Byte
0011 0000
xxxx xxxx
xxxx xsss
oooo oooo
Read signature byte o
at address s
a: Page address
b: Even byte address
H: Odd or even (high or low) byte
c: Clock timing bits
s: Signature byte address
i: Input data
o: Output data
x: Don’t care
Table 16. SPI Flash Programming Instructions
Each instruction is sent in the order bytes
1 to 4, most significant bits first. All 4 bytes
must be sent, even if the last bits are 'x'.
The timing for the SPI interface is shown
in Figure 5. All timing parameters are
listed in Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com