Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 4 Page - Texas Instruments

  CC1010-RTY1 Datasheet HTML 1Page - Texas Instruments CC1010-RTY1 Datasheet HTML 2Page - Texas Instruments CC1010-RTY1 Datasheet HTML 3Page - Texas Instruments CC1010-RTY1 Datasheet HTML 4Page - Texas Instruments CC1010-RTY1 Datasheet HTML 5Page - Texas Instruments CC1010-RTY1 Datasheet HTML 6Page - Texas Instruments CC1010-RTY1 Datasheet HTML 7Page - Texas Instruments CC1010-RTY1 Datasheet HTML 8Page - Texas Instruments CC1010-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 150 page
background image
CC1010
SWRS047A
Page 4 of 146
1. Features
Fully Integrated UHF RF Transceiver
• Programmable frequency in the
range 300 – 1000 MHz
• High sensitivity (typically -107 dBm
at 2.4 kBaud)
• Programmable output power –20 to
+10 dBm
• Very low current consumption (RX:
9.1 mA)
• Very few external components
required and no external RF switch
or IF filter required
• Single port antenna connection
• Fast PLL settling allows frequency
hopping protocols
• FSK modulation with a data rate of
up to 76.8 kBaud
• Manchester or NRZ coding and
decoding
of
data
performed
in
hardware. Byte delineation of data
can be performed in hardware to
lessen the processor burden
• RSSI output which can be sampled
by on-chip ADC
• Complies with EN 300 220 and FCC
CFR47 part 15
High-Performance and Low-Power
8051-Compatible Microcontroller
• Optimised 8051-core which typically
gives 2.5x the performance of a
standard 8051
• Dual data pointers
• Idle and sleep modes
• In-circuit interactive debugging is
supported for the Keil
µVision IDE
through a simple serial interface
Data and Non-volatile Program Memory
• 32 kB of non-volatile Flash memory
in-system programmable through a
simple SPI interface or by the 8051
core.
• Typical Flash memory endurance:
20 000 write/erase cycles
• Programmable read and write lock of
portions of Flash memory for software
security
• 2048 + 128 Byte of internal SRAM
Hardware DES Encryption / Decryption
• DES supported in hardware
• Output Feedback Mode or Cipher
Feedback Mode DES to avoid the
requirement that data length must
be a multiple of eight bytes
Peripheral Features
• Power On Reset / Brown-Out
Detection
• Three channel, max 23 kSample/s,
10 bit ADC
• Programmable watchdog timer.
• Real time clock with 32 kHz crystal
oscillator
• Two timers / pulse counters and two
timers / pulse width modulators
• Two programmable serial UARTs.
• Master SPI interface
• 26 configurable general-purpose
I/O-pins
• Random bit generator in hardware
Low Power
• 8051 core and peripherals can use
the RTC's 32 kHz clock
• Idle and sleep modes for reduced
power consumption. System can
wake up on interrupt or when ADC
input exceeds a set threshold
• Low-power fully static CMOS design
Operating Conditions
• 2.7 - 3.6 V supply voltage
• -40 - 85 °C operational temperature
• 3 - 24 MHz crystal (up to 50 ppm)
for the main crystal oscillator
Packaging
• 64-lead TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com