Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 2Page - Texas Instruments CC1010-RTY1 Datasheet HTML 3Page - Texas Instruments CC1010-RTY1 Datasheet HTML 4Page - Texas Instruments CC1010-RTY1 Datasheet HTML 5Page - Texas Instruments CC1010-RTY1 Datasheet HTML 6Page - Texas Instruments CC1010-RTY1 Datasheet HTML 7Page - Texas Instruments CC1010-RTY1 Datasheet HTML 8Page - Texas Instruments CC1010-RTY1 Datasheet HTML 9Page - Texas Instruments CC1010-RTY1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 150 page
background image
CC1010
SWRS047A
Page 6 of 146
4. DC Characteristics
The DC Characteristics of
CC1010 are listed in Table 3 below.
Tc = 25
°C, VDD = 3.3 V if nothing else stated
Digital Inputs/Outputs
Min
Max
Unit
Condition
Logic "0" input voltage
0
0.3*VDD
V
Logic "1" input voltage
0.7*VDD
VDD
V
Logic "0" output voltage
0
0.4
V
Output current -2.0 mA,
ports P0.3-P0.0, P1.7-
P1.0, P2.7-P2.4, P2.2-
P2.0
Logic "1" output voltage
2.5
VDD
V
Output current 2.0mA,
ports P0.3-P0.0, P1.7-
P1.0, P2.7-P2.4, P2.2-
P2.0
Logic "0" output voltage
0
0.4
V
Output current -8.0 mA,
port P2.3
Logic "1" output voltage
2.5
VDD
V
Output current 8.0mA,
port P2.3
Logic "0" input current
NA
-1
µA
Input signal equals GND
Logic "1" input current
NA
1
µA
Input signal equals VDD
Table 3. DC Characteristics
0
5
10
15
20
25
04
8
12
16
20
24
Fre que ncy [MHz]
Figure 1. Typical CPU core supply current vs. clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com