Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 77 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 77 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 73Page - Texas Instruments CC1010-RTY1 Datasheet HTML 74Page - Texas Instruments CC1010-RTY1 Datasheet HTML 75Page - Texas Instruments CC1010-RTY1 Datasheet HTML 76Page - Texas Instruments CC1010-RTY1 Datasheet HTML 77Page - Texas Instruments CC1010-RTY1 Datasheet HTML 78Page - Texas Instruments CC1010-RTY1 Datasheet HTML 79Page - Texas Instruments CC1010-RTY1 Datasheet HTML 80Page - Texas Instruments CC1010-RTY1 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 150 page
background image
CC1010
SWRS047A
Page 77 of 146
CRPCON (0xC3) - Encryption / Decryption Control Register
Bit
Name
R/W
Reset value
Description
7
-
R0
0
Reserved, read as 0
6
CRPIE
R/W
0
Encryption / Decryption interrupt enable flag. In order for
CRPIF
to raise an interrupt, EIE.ADIE must also be
set.
5
CRPIF
R/W
0
Encryption / Decryption interrupt flag.
CRPIF
is set by hardware when an encryption /
decryption is completed. CRPIF must be cleared by
software. Because the encryption /decryption shares an
interrupt line with the ADC, EXIF.ADIF must also be
cleared by software before exiting the interrupt service
routine. EXIF.ADIF should be cleared before CRPIF,
so that the 8051 is ready to receive a new interrupt
immediately after CRPIF is cleared.
4
LOADKEYS
R/W
0
Enable / disable loading of keys at start up.
0 : New keys are not loaded at encryption / decryption
start up. The same keys as used during the previous
encryption / decryption will be used again.
1 : New keys are loaded from RAM at encryption /
decryption start up. The key RAM location is given by
CRPKEY
.
3
CRPMD
R/W
0
OFB / CFB Mode
0 : OFB (Output Feedback Mode) is selected
1 : CFB (Cipher Feedback Mode) is selected
2
ENCDEC
R/W
0
Encryption / Decryption select
0 : Encryption is selected
1 : Decryption is selected
1
TRIDES
R/W0
0
Reserved, write 0
0
CRPEN
R/W1
0
Encryption / Decryption start and status bit.
When set by software, encryption / decryption is
initiated. It cannot be cleared by software, but will be
cleared by hardware when the encryption / decryption is
completed.
CRPKEY (0xC4) - Encryption / Decryption Key Location Register
Bit
Name
R/W
Reset value
Description
7:0
CRPKEY(7:0)
R/W
0x00
CRPKEY(7:0)
gives the 8 most significant bits of the
external RAM location of the DES keys. The keys are
located in RAM as given in Table 24.
CRPDAT (0xC5) - Encryption / Decryption Data Location Register
Bit
Name
R/W
Reset value
Description
7:0
CRPDAT(7:0)
R/W
0x00
CRPDAT(7:0)
gives the 8 most significant bits of
the external RAM address of the first byte to be
encrypted / decrypted. The 3 least significant address
bits are all zeros.
CRPCNT (0xC6) – Encryption / Decryption Counter
Bit
Name
R/W
Reset value
Description
7:0
CRPCNT(7:0)
R/W
0x00
CRPCNT(7:0)
gives the number of bytes to be
encrypted / decrypted. If CRPCNT=0, 256 bytes are
encrypted / decrypted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com