Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 91 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 91 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 87Page - Texas Instruments CC1010-RTY1 Datasheet HTML 88Page - Texas Instruments CC1010-RTY1 Datasheet HTML 89Page - Texas Instruments CC1010-RTY1 Datasheet HTML 90Page - Texas Instruments CC1010-RTY1 Datasheet HTML 91Page - Texas Instruments CC1010-RTY1 Datasheet HTML 92Page - Texas Instruments CC1010-RTY1 Datasheet HTML 93Page - Texas Instruments CC1010-RTY1 Datasheet HTML 94Page - Texas Instruments CC1010-RTY1 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 150 page
background image
CC1010
SWRS047A
Page 91 of 146
17.6 Data Modem and Data Modes
Four different data modes are defined for
transmission and reception, programmable
through MODEM0.DATA_FORMAT. These
modes
differ
in
data
encoding,
how
incoming and outgoing data is delivered
and
accepted,
and
whether
resynchronisation
of
the
bitstream
is
performed (clock regeneration) or not. The
data format should be selected before
enabling the RF Transceiver
Two of the modes, Synchronous NRZ
mode
and
Synchronous
Manchester
encoded mode, transmit or receive data
using
a
baudrate
as
specified
in
MODEM0.BAUDRATE
. The modem does
resynchronisation of the bit stream during
reception. In the Manchester mode the
modem
also
does
the
Manchester
encoding and decoding. The NRZ and
Manchester modes accept and deliver
data either one bit or one byte at a time,
programmable
through
RFCON.BYTEMODE
. In most applications
these two modes are recommended.
Data to be transmitted or data received
are stored in the RFBUF register. During
transmission or reception the need for
more data or the arrival of new data, bit by
bit
or
byte
by
byte
depending
on
RFCON.BYTEMODE
,
is
signaled
by
generating
an
interrupt
(EXIF.RFIF.)
Depending on whether the RF interrupt is
enabled or not (EIE.RFIE), transmission
or reception can be handled by an
interrupt service routine or be performed
by polling.
During reception when using NRZ or
Manchester mode, hardware preamble
and start of frame detection can optionally
be activated using the registers PDET and
BSYNC
.
This
is
described
in
the
Synchronization and preamble detection
section on page 102.
Two other modes, Transparent mode and
UART mode, simply passes data between
the FSK modem and the RFBUF register
and UART0, respectively, allowing custom
baud rates and data encoding. When
using the UART0 in the UART mode the
pin P3.1 is not used for UART output and
can instead be used for general I/O.
Chipcon strongly recommends that the
synchronous modes be used. The other
data modes bypass the data decision
circuitry of the RF transceiver and do not
support bytemode. The Transparent mode
is only intended for testing.
17.6.1
Manchester encoding
In Manchester mode the data clock is
transmitted along with the data. A '1' is
encoded as a high frequency f1 followed
by a lower frequency f0. A '0' is encoded
as a low frequency f0 followed by a higher
frequency f1. This is illustrated in Figure
23.
See
the
Frequency
programming
section on page 106 for definitions of f0
and f1.
The Manchester code ensures that the
signal has a constant DC component,
which
is
necessary
in
some
FSK
demodulators.
Using
this
mode
also
ensures compatibility with
CC400 / CC900
designs.
The properties of the different data modes
are summarized in Table 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com