Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 66 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 62Page - Texas Instruments CC1010-RTY1 Datasheet HTML 63Page - Texas Instruments CC1010-RTY1 Datasheet HTML 64Page - Texas Instruments CC1010-RTY1 Datasheet HTML 65Page - Texas Instruments CC1010-RTY1 Datasheet HTML 66Page - Texas Instruments CC1010-RTY1 Datasheet HTML 67Page - Texas Instruments CC1010-RTY1 Datasheet HTML 68Page - Texas Instruments CC1010-RTY1 Datasheet HTML 69Page - Texas Instruments CC1010-RTY1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 150 page
background image
CC1010
SWRS047A
Page 66 of 146
16.7 Serial Port 0 and 1
Two serial ports, serial port 0 and 1, are
implemented. They are controlled through
the SCON0 and SCON1 control register.
The data is buffered in SBUF0 and SBUF1.
Serial port 0 may be used for general
purpose serial communication. Timer 1
may be used to generate different baud
rates. Serial port 1 is primarily for use with
an in-circuit-debugger, but can also be
used
for
general
purpose
serial
communication. A block diagram is shown
in Figure 16.
The general-I/O ports that map to the
same physical pins as the serial ports
must be configured in a certain way in
order to allow serial communication. This
is summarized in Table 22.
The mode is set in SCON0.SMx_0 /
SCON1.SMx_0
.
To
receive
data,
SCON0.REN_0
/ SCON1.REN_1 must be
enabled for the ports. Separate transmit
and receive interrupt flags are available in
SCON0.TI_0
/ RI_0 and SCON1.TI_1 /
RI_1
. Note that the baud rate also
depends on the Clock Mode selected (see
page 35).
SCON0/SCON1
Receive
Shift Register
SBUF0/SBUF1
(Receive)
SBUF0/SBUF1
(Transmit)
Interrupt
Request
RI_0/RI_1
TI_0/TI_1
Read SBUF
Write SBUF
TXD0/TXD1
Load SBUF
Mode 0
Transmit
RXD0/RXD1
Data Bus
Figure 16. Serial ports block diagram
UART0
UART1
P3.0
P3.1
P3DIR.0
P3DIR.1
P2.0
P2.1
P2DIR.0
P2DIR.1
Mode 0
x
1
1
0
x
1
1
0
Mode 1-3
x
x
1
x
x
x
1
x
Mode 0
1
1
0
0
1
1
0
0
Mode 1-3
x
1
x
0
x
1
x
0
Table 22. Configuration of general purpose I/O for UART0 and UART1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com