Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 99 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 99 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 95Page - Texas Instruments CC1010-RTY1 Datasheet HTML 96Page - Texas Instruments CC1010-RTY1 Datasheet HTML 97Page - Texas Instruments CC1010-RTY1 Datasheet HTML 98Page - Texas Instruments CC1010-RTY1 Datasheet HTML 99Page - Texas Instruments CC1010-RTY1 Datasheet HTML 100Page - Texas Instruments CC1010-RTY1 Datasheet HTML 101Page - Texas Instruments CC1010-RTY1 Datasheet HTML 102Page - Texas Instruments CC1010-RTY1 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 150 page
background image
CC1010
SWRS047A
Page 99 of 146
Preamble
Manchester encoded data
Data package to be received
RX
Noise
PD
Averaging filter always free-running
Noise
Preamble
Manchester encoded data
Data package to be received
RX
Noise
PD
Averaging filter always free-running
Noise
Figure 28. Free-running averaging filter
Manual Lock
Automatic Lock
Settling
MODEM1.
SETTLING
(1:0)
NRZ mode
MODEM1.LOCK_
AVG_MODE
='1'
MODEM1.LOCK_
AVG_IN
='0'=
→’1’**
UART mode
MODEM1.LOCK_
AVG_MODE
='1'
MODEM1.LOCK_
AVG_IN
='0'=
→’1’**
NRZ mode
MODEM1.LOCK_
AVG_MODE
='0'
MODEM1.LOCK_
AVG_IN
='X'***
UART mode
MODEM1.LOCK_
AVG_MODE
='0'
MODEM1.LOCK_
AVG_IN
='X'***
00
14
11
16
16
01
25
22
32
32
10
46
43
64
64
11
89
86
128
128
Table 31. Minimum preamble bits for locking the averaging filter, NRZ and UART mode
Notes:
** The averaging filter is locked when MODEM1.LOCK_AVG_IN is set to 1
*** X = Do not care. The timer for the automatic lock is started when RX mode is set in the RFMAIN
register
Also please note that in addition to the number of bits required to lock the filter, you need to add the
number of bits needed for the preamble detector. See the next section for more information.
Settling
MODEM1.
SETTLING
(1:0)
Free-running
Manchester mode
MODEM1.LOCK_
AVG_MODE
='1'
MODEM1.LOCK_
AVG_IN
='0'
00
23
01
34
10
55
11
98
Table 32. Minimum number preamble chips for averaging filter, Manchester mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com