Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 102 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 102 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 98Page - Texas Instruments CC1010-RTY1 Datasheet HTML 99Page - Texas Instruments CC1010-RTY1 Datasheet HTML 100Page - Texas Instruments CC1010-RTY1 Datasheet HTML 101Page - Texas Instruments CC1010-RTY1 Datasheet HTML 102Page - Texas Instruments CC1010-RTY1 Datasheet HTML 103Page - Texas Instruments CC1010-RTY1 Datasheet HTML 104Page - Texas Instruments CC1010-RTY1 Datasheet HTML 105Page - Texas Instruments CC1010-RTY1 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 150 page
background image
CC1010
SWRS047A
Page 102 of 146
17.10 Synchronization and preamble detection
Most RF communication protocols will
have a preamble designated to let the
receiver synchronise reception on a bit
and byte level.
CC1010 contains hardware
that will perform these tasks easily in
synchronous
NRZ
and
Manchester
encoded modes.
The
byte
synchronization
mechanism
ensures that the framing of bytes in the
received data bit stream is correct, thus
freeing the software from needing to
perform shifting and recombination of data
bytes. In addition, the synchronization byte
functions as a start of frame delimiter. The
preamble detection mechanism reduces
the workload for the processor when the
exact time of the start of a transmission is
uncertain. Both mechanisms are active
when
PDET.PEN
is
set.
(See
PDET
register definition below.) Two preamble
examples are shown in Figure 29. Note
that the Manchester baud rate is twice the
NRZ baud rate in the figure.
The
preamble
must
consist
of
an
alternating
0-1-pattern
followed
by
a
synchronization byte of eight bits. Unless
the average filter is already locked at the
arrival of the synchronization byte in NRZ
mode, it is vital that the synchronization
byte is DC-balanced (equal number of
zeros and ones) and contains no more
than two consecutive ones or zeros. It is
also required that the synchronization byte
contains two consecutive ones or zeros.
This means that e.g. 0xCC is not a legal
synchronization byte, but 0xCA is.
NRZ
1
0
1
0
0
1
0
1
0
1
0
Byte sync
1
0
1
0
1
0
1
0
0
1
Data
Preamble
Bit value
Manchester
1
0
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
1
Bit value
Figure 29. Preamble detection examples
PDET (0xD3) - Preamble Detection Control Register
Bit
Name
R/W
Reset value
Description
7
PEN
R/W
0
Preamble and byte synchronisation enable.
0 : Receiver mode is defined by RFCON.BYTEMODE.
1 : Preamble and byte synchronisation is enabled.
RFCON.BYTEMODE
is don't care.
6:0
PLEN
R/W
0x00
Preamble length.
Define the number of alternating bits required before byte
synchronisation. PLEN must be greater than zero.
BSYNC (0xD4) - Byte Synchronisation Register
Bit
Name
R/W
Reset value
Description
7:0
BSYNC(7:0)
R/W
0x00
BSYNC
defines the byte that triggers byte
synchronisation during RF preamble detection.
The
hardware
support
for
preamble
detection consists of a seven-bit counter,
which keeps track of the number of
successive alternating bits. It is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com