Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 5 Page - Texas Instruments

  CC1010-RTY1 Datasheet HTML 1Page - Texas Instruments CC1010-RTY1 Datasheet HTML 2Page - Texas Instruments CC1010-RTY1 Datasheet HTML 3Page - Texas Instruments CC1010-RTY1 Datasheet HTML 4Page - Texas Instruments CC1010-RTY1 Datasheet HTML 5Page - Texas Instruments CC1010-RTY1 Datasheet HTML 6Page - Texas Instruments CC1010-RTY1 Datasheet HTML 7Page - Texas Instruments CC1010-RTY1 Datasheet HTML 8Page - Texas Instruments CC1010-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 150 page
background image
CC1010
SWRS047A
Page 5 of 146
2. Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 1 be violated.
Stress exceeding one or more of the limiting values may cause permanent damage to the
device.
Parameter
Min.
Max.
Units
Condition
Supply voltage, VDD
-0.3
5.0
V
Voltage on any pin
-0.3
VDD+0.3,
max 5.0
V
Input RF level
10
dBm
Storage temperature range
-50
150
°C
Un-programmed device
Storage temperature range
-40
125
°C
Programmed device, data
retention > 0.49 years at
125
°C
Lead temperature
260
°C
T = 10 s
Table 1. Absolute Maximum Ratings
Caution! ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
3. Recommended Operating Conditions
Tc = -40 to 85
°C, VDD = 2.7 to 3.6 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
Supply voltage, DVDD, AVDD
2.7
3.3
3.6
V
Supply voltage during
normal operation
Supply voltage, DVDD, AVDD
2.7
3.6
V
Supply voltage during
program/erase Flash
memory
Operating temperature, free-air
-40
85
°C
Main oscillator frequency
3
24
MHz
RTC oscillator frequency
32768
Hz
Table 2. Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com