Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 45 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 41Page - Texas Instruments CC1010-RTY1 Datasheet HTML 42Page - Texas Instruments CC1010-RTY1 Datasheet HTML 43Page - Texas Instruments CC1010-RTY1 Datasheet HTML 44Page - Texas Instruments CC1010-RTY1 Datasheet HTML 45Page - Texas Instruments CC1010-RTY1 Datasheet HTML 46Page - Texas Instruments CC1010-RTY1 Datasheet HTML 47Page - Texas Instruments CC1010-RTY1 Datasheet HTML 48Page - Texas Instruments CC1010-RTY1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 150 page
background image
CC1010
SWRS047A
Page 45 of 146
which can then not be used for other
purposes. If in-circuit debugging is not
required, the RESERVED register shown
below may be used for any purpose.
Writing to it will have no effect on the
operation of
CC1010.
Great caution should be used when the
RADR
is
written.
Since
the
address
consists of two bytes (RADRL and RADRH),
there will be a short interval where the
address is not valid as only one of the
bytes
are written
at a
time.
If
this
intermediate address point to the very
same location as of the code modifying the
RADR, a malfunction will occur. One
possible work-around is to first write
RADRH to a value pointing to a memory
location not used by the code.
RESERVED (0xE7) - Reserved register, used by Chipcon debugger software
Bit
Name
R/W
Reset value
Description
7:0
RESERVED(7:0)
R/W
0x00
Reserved register, which is used by Chipcon
debugger software. RESERVED may be used for
other purposes if Chipcon’s debugger software is
not needed.
RDATA (0xB9) - Replacement Data
Bit
Name
R/W
Reset value
Description
7:0
RDATA(7:0)
R/W
0x00
Replacement data.
Used to replace the byte at program memory
address RADR with the data from RDATA, if
RADR
> 0.
RADRH (0xBB) - Replacement address, high byte
Bit
Name
R/W
Reset value
Description
7:0
RADR(15:8)
R/W
0x00
Replacement address, high byte.
Used to replace the byte at program memory
address RADR with the data from RDATA, if
RADR
> 0.
RADRL (0xBA) - Replacement address, low byte
Bit
Name
R/W
Reset value
Description
7:0
RADR(7:0)
R/W
0x00
Replacement address, low byte.
Used to replace the byte at program memory
address RADR with the data from RDATA, if
RADR
> 0
15.16 Chip Version / Revision
CC1010 has a SFR register CHVER that can
be read to decide the chip type and
current revision. The register description is
shown below.
CHVER (0x9F) - Chip Version / Revision Register
Bit
Name
R/W
Reset value
Description
7:2
CHIP_TYPE
R
0x00
CHIP_TYPE
is a read-only status word, which
gives the type number of the chip.
000000 :
CC1010
000001 - 111111 : Reserved for future use
1:0
CHIP_REV
R
0x01
CHIP_REV
is a read only status word, which gives
the chip revision number of the chip. Current chip
revision is 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com