Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 28Page - Texas Instruments CC1010-RTY1 Datasheet HTML 29Page - Texas Instruments CC1010-RTY1 Datasheet HTML 30Page - Texas Instruments CC1010-RTY1 Datasheet HTML 31Page - Texas Instruments CC1010-RTY1 Datasheet HTML 32Page - Texas Instruments CC1010-RTY1 Datasheet HTML 33Page - Texas Instruments CC1010-RTY1 Datasheet HTML 34Page - Texas Instruments CC1010-RTY1 Datasheet HTML 35Page - Texas Instruments CC1010-RTY1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 150 page
background image
CC1010
SWRS047A
Page 32 of 146
15.7 External interrupts
Two external interrupt pins are available in
the
CC1010. They are located on pins P3.2
and P3.3, and can be set up to be either
level- or edge sensitive by setting the IT1
and IT2 bits in the TCON register (see
page 54 for more information). When the
external interrupts are activated in the IE
register, any pulse longer than 8 clock
cycles will always generate an interrupt.
The
CC1010 will wake up from Idle mode
when an external interrupt pin is activated,
but the external interrupt pins cannot wake
the
CC1010 from Power-Down mode.
15.8 Main Crystal Oscillator
An external clock signal or the main crystal
oscillator can be used as main frequency
reference and microcontroller clock signal.
An
external
clock
signal
should
be
connected to XOSC_Q1, while XOSC_Q2
should be left open.
The
microcontroller
core
and
main
oscillator will operate at any frequency in
the range 3 - 24 MHz. However, the
crystal frequency should be in the range 3-
4, 6-8 or 9-24 MHz because the crystal
frequency is used as reference for the
data rate in the RF transceiver part (as
well as other internal functions). The
following frequencies are recommended
as they will provide “standard” data rates:
3.6864,
7.3728,
11.0592,
14.7456,
18.4320 and 22.1184 MHz. The selected
crystal frequency range must be set in
MODEM0.XOSC_FREQ(2:0)
in order to
get the correct data rate (see page 93).
Using the main crystal oscillator, the
crystal must be connected between the
pins
XOSC_Q1
and
XOSC_Q2
.
The
oscillator is designed for parallel mode
operation of the crystal. In addition loading
capacitors (C171 and C181) for the crystal
are required. The loading capacitor values
depend on the total load capacitance, CL,
specified for the crystal. The total load
capacitance seen between the crystal
terminals should equal CL for the crystal to
oscillate at the specified frequency.
parasitic
L
C
C
C
C
+
+
=
181
171
1
1
1
The parasitic capacitance is constituted by
pin input capacitance and PCB stray
capacitance. Typically the total parasitic
capacitance is 3-5pF. A trimming capacitor
may be placed across C171 for initial
tuning if necessary.
The crystal oscillator is of an advanced
amplitude-regulated type. A high current is
used to start up the oscillations. When the
amplitude builds up, the current is reduced
to what is necessary to maintain a 600
mVpp amplitude. This ensures a fast start-
up, keeps the current consumption and the
drive level to a minimum and makes the
oscillator insensitive to ESR variations. As
long as you follow the crystal loading
capacitance requirements, do not worry
about ESR or drive levels (a typical drive
level is 4 µW for 3 MHz).
The main crystal oscillator circuit is shown
in Figure 4. Typical component values for
different values of CL are given in Table
14.
Recommended
load
capacitance
versus frequency is given in Table 10 on
page 12.
The initial tolerance, temperature drift,
ageing and load pulling should be carefully
specified in order to meet the required
frequency
accuracy
in
a
certain
application.
By
specifying
the
total
expected frequency accuracy in SmartRF
®
Studio
together
with
data
rate
and
frequency separation, the software will
calculate the total bandwidth and compare
to
the
available
IF
bandwidth.
Any
contradictions will be reported by the
software and a more accurate crystal will
be recommended if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com