Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 60Page - Texas Instruments CC1010-RTY1 Datasheet HTML 61Page - Texas Instruments CC1010-RTY1 Datasheet HTML 62Page - Texas Instruments CC1010-RTY1 Datasheet HTML 63Page - Texas Instruments CC1010-RTY1 Datasheet HTML 64Page - Texas Instruments CC1010-RTY1 Datasheet HTML 65Page - Texas Instruments CC1010-RTY1 Datasheet HTML 66Page - Texas Instruments CC1010-RTY1 Datasheet HTML 67Page - Texas Instruments CC1010-RTY1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 150 page
background image
CC1010
SWRS047A
Page 64 of 146
System clock
Watchdog Prescaler
WDTPRE(1:0)
8 Bit Watchdog Counter
WDTEN
System
Reset
Clear
Clear
Enable
Enable
WDTCLR
Figure 14. Watchdog Timer
Setting
different
prescaler
settings,
combined
with
different
Main
Crystal
Oscillator frequencies, generates reset at
an interval of:
system
WDTPRE
f
)
11
(
2
256
+
The
intervals
for
the
maximum
and
minimum clock frequencies are shown in
Table 21 below.
WDTPRE.1
WDTPRE.0
Division Rate
Reset timing, given
fXOSC = 3MHz
Reset timing, given
fXOSC = 24MHz
0
0
2048
175 ms
21.8 ms
0
1
4096
350 ms
43.7 ms
1
0
8192
699 ms
87.4 ms
1
1
16384
1400 ms
175 ms
Table 21. Watchdog Timer timing
16.5.1
Disabling the Watchdog Timer
The Watchdog Timer is enabled after
system reset, through the Watchdog Timer
enable flag WDT.WDTEN. To disable the
Watchdog
Timer,
this
flag
must
be
cleared.
However,
clearing
this
flag
requires the user to first set the flag
WDT.WDTSE
,
and
then
clearing
WDT.WDTEN
within
16
system
clock
periods (preferably in the next instruction).
If interrupts are enabled while disabling
the Watchdog Timer, the user must make
sure that WDT.WDTEN is actually cleared.
This could for instance be done as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com