Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 78 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 74Page - Texas Instruments CC1010-RTY1 Datasheet HTML 75Page - Texas Instruments CC1010-RTY1 Datasheet HTML 76Page - Texas Instruments CC1010-RTY1 Datasheet HTML 77Page - Texas Instruments CC1010-RTY1 Datasheet HTML 78Page - Texas Instruments CC1010-RTY1 Datasheet HTML 79Page - Texas Instruments CC1010-RTY1 Datasheet HTML 80Page - Texas Instruments CC1010-RTY1 Datasheet HTML 81Page - Texas Instruments CC1010-RTY1 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 150 page
background image
CC1010
SWRS047A
Page 78 of 146
CRPINIn, n
∈{0..7} (0xB4-0xB7, 0xBC-0xBF) - DES Initialisation Vector
Bit
Name
R/W
Reset value
Description
7:0
CRPINIn
(7:0)
R/W
0x00
The 8 registers CRPINIn, n
∈{0..7}, contains the 64
bit DES initialisation vector. Bits 8
⋅n-1 down to 8⋅n are
located in register CRPINIn
16.10 Random Bit Generation
CC1010 can generate real random bit
sequences to be used as encryption keys,
seed for a software pseudo random
generator or other purposes. The data is
generated from amplifying noise in the RF
receiver path.
To enable random bit generation, set
RANCON.RANEN
and
clear
RFMAIN.RX_PD
. Wait at least 1 ms before
reading data from RANCON.RANBIT. The
period between reads should be at least
10
µs for the data to be as random as
possible.
For applications requiring guaranteed DC
free data, software should process the
generated data, for example by xor'ing two
successive bits.
The
random
data
generated
has
a
relatively white spectrum, but tones have
been observed when the random bit
generator has been enabled for more than
one second. If this is not sufficient for the
application to generate the random bits
required, the random bit generator should
be disabled and enabled following the
procedure
described
above
before
generating more data.
RANCON (0xC7) - Random Bit Generator Control Register
Bit
Name
R/W
Reset value
Description
7:2
-
R0
0x00
Reserved, read as 0
1
RANEN
R/W
0
Random Bit Generator Enable
0 : Random Bit Generator is disabled.
1 : Random Bit Generator is enabled. RFMAIN.RX_PD
must also be cleared to generate random bits.
0
RANBIT
R
0
RANBIT
returns one random bit, generated from the RF
receiver path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com