Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 30 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 26Page - Texas Instruments CC1010-RTY1 Datasheet HTML 27Page - Texas Instruments CC1010-RTY1 Datasheet HTML 28Page - Texas Instruments CC1010-RTY1 Datasheet HTML 29Page - Texas Instruments CC1010-RTY1 Datasheet HTML 30Page - Texas Instruments CC1010-RTY1 Datasheet HTML 31Page - Texas Instruments CC1010-RTY1 Datasheet HTML 32Page - Texas Instruments CC1010-RTY1 Datasheet HTML 33Page - Texas Instruments CC1010-RTY1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 150 page
background image
CC1010
SWRS047A
Page 30 of 146
EICON (0xD8) - Extended Interrupt Control
Bit
Name
R/W
Reset value
Description
7
SMOD1
R/W
0
Serial Port 1 baud rate doubler enable / disable
0 : Serial Port 1 baud rate is normal
1 : Serial Port 1 baud rate is doubled
6
-
R1
1
Reserved, read as 1
5
FDIE
R/W
0
Flash / Debug interrupt enable
0 : Interrupt is disabled
1 : Interrupt is enabled (independent of IE.EA)
4
FDIF
R/W
0
Flash / Debug interrupt flag
FDIF
is set by hardware when an 8051-initiated write to
Flash program memory is completed or a TRAP instruction
is executed. FDIF may also be set by software. FDIF
must be cleared by software before exiting the ISR.
3
RTCIF
R/W
0
Real-time clock interrupt flag
RTCIF
is set by hardware when an interrupt request is
generated from the real-time clock. RTCIF may also be set
by software. RTCIF must be cleared by software before
exiting the ISR.
2
-
R0
0
Reserved, read as 0
1
-
R0
0
Reserved, read as 0
0
-
R0
0
Reserved, read as 0
EXIF (0x91) - Extended Interrupt Flag
Bit
Name
R/W
Reset value
Description
7
TF3
R/W
0
Timer 3 interrupt flag.
TF3
is set by hardware when an interrupt request is
generated from Timer 3. TF3 may also be set by software.
TF3
must be cleared by software before exiting the ISR.
6
ADIF
R/W
0
ADC / DES Interrupt flag.
ADIF
is set by hardware when an interrupt request is
generated from the ADC block (ADCON2.ADCIF) or by the
DES Encryption / Decryption block (CRPCON.CRPIF).
These interrupts must also be enabled by setting
ADCON2.ADCIE
and CRPCON.CRPIE. ADIF may also
be set by software. ADIF must be cleared by software
before exiting the ISR
5
TF2
R/W
0
Timer 2 interrupt flag.
TF2
is set by hardware when an interrupt request is
generated from Timer 2. TF2 may also be set by software.
TF2
must be cleared by software before exiting the ISR
4
RFIF
R/W
0
RF Transmit / receive interrupt flag.
RFIF
is set by hardware when an interrupt request is
generated from the RF transceiver block. RFIF may also
be set by software. RFIF must be cleared by software
before exiting the ISR.
3
-
R1
1
Reserved, read as 1
2
-
R0
0
Reserved, read as 0
1
-
R0
0
Reserved, read as 0
0
-
R0
0
Reserved, read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com