Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 3Page - Texas Instruments CC1010-RTY1 Datasheet HTML 4Page - Texas Instruments CC1010-RTY1 Datasheet HTML 5Page - Texas Instruments CC1010-RTY1 Datasheet HTML 6Page - Texas Instruments CC1010-RTY1 Datasheet HTML 7Page - Texas Instruments CC1010-RTY1 Datasheet HTML 8Page - Texas Instruments CC1010-RTY1 Datasheet HTML 9Page - Texas Instruments CC1010-RTY1 Datasheet HTML 10Page - Texas Instruments CC1010-RTY1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
CC1010
SWRS047A
Page 7 of 146
5. Electrical Specifications
Tc = 25
°C, VDD = 3.3 V if nothing else stated
All electrical specifications are measured on Chipcon’s CC1010EM reference design.
Parameter
Min.
Typ.
Max.
Unit
Condition
Power on reset (POR) voltage
2.7
2.9
3.1
V
Tc = -40 to 85°C
Brown out voltage
2.7
2.9
3.1
V
Tc = -40 to 85°C
RTC start-up time
160
ms
Current consumption MCU,
Active mode
14.8
1.3
mA
mA
14.7456 MHz, main oscillator
32 kHz, RTC oscillator
See page 33 for explanation
of modes. See Figure 1 page
6 for supply current vs. clock
frequency
Current consumption MCU, Idle
mode
12.8
29.4
mA
µA
14.7456 MHz, main oscillator
32 kHz, RTC oscillator
Current consumption, Power
Down mode
0.2
1
µA
Current consumption, Power-
on reset circuit (when enabled)
34
uA
Current consumption Main
crystal oscillator
67
µA
14.7456 MHz crystal
Current consumption RF
Transceiver, Receive mode,
433/868 MHz
9.1/
11.9
mA
Current for RF transceiver
alone
Current consumption RF
Transceiver, Transmit mode,
433/868 MHz
P=0.01 mW (-20 dBm)
P=0.3 mW (-5 dBm)
P=1 mW (0 dBm)
P=2.5 mW (4 dBm)
P=10 mW (10 dBm)
5.3/8.6
8.9/13.8
10.4/17
24.8/
23.5
26.6/NA
mA
mA
mA
mA
mA
The output power is delivered
to a single-ended 50
Ω load,
see also page 123. Current is
for RF transceiver alone
32 kHz oscillator crystal load
capacitance
12
pF
Table 4. Electrical specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com