Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 5Page - Texas Instruments CC1010-RTY1 Datasheet HTML 6Page - Texas Instruments CC1010-RTY1 Datasheet HTML 7Page - Texas Instruments CC1010-RTY1 Datasheet HTML 8Page - Texas Instruments CC1010-RTY1 Datasheet HTML 9Page - Texas Instruments CC1010-RTY1 Datasheet HTML 10Page - Texas Instruments CC1010-RTY1 Datasheet HTML 11Page - Texas Instruments CC1010-RTY1 Datasheet HTML 12Page - Texas Instruments CC1010-RTY1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 150 page
background image
CC1010
SWRS047A
Page 9 of 146
8. RF transmit section
Parameter
Min.
Typ.
Max.
Unit
Condition
Binary FSK frequency
separation
0
64
65
kHz
The frequency corresponding
to the digital "0" is denoted f0,
while f1 corresponds to a
digital "1".
The frequency separation is
f1-f0. The RF carrier
frequency, fc, is then given by
fc=(f0+f1)/2.
(The frequency deviation is
given by fd=+/-(f1-f0)/2 )
The frequency separation is
programmable in 250 Hz
steps. Separations up to 65
kHz are guaranteed at 1 MHz
reference frequency. Larger
separations can be achieved
at higher reference
frequencies
Output power
433 / 868 MHz
-20
0
10/4
dBm
Delivered to single-ended 50
Ω load.
The output power is
programmable, see page 123
RF output impedance
433 / 868 MHz
140/80
Ω
Transmit mode, optimum load
impedance. For matching
details see “Input/ output
matching” p.120
Harmonics
2
nd harmonic, 433 / 868 MHz
3
rd harmonic, 433 / 868 MHz
-7/-15
-27/-29
dBm
Conducted measur at
maximum output power. An
external LC filter should be
used to reduce harmonics
emission to comply with SRD
requirements. See p.128
Table 7. RF transmit characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com