Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 81 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 77Page - Texas Instruments CC1010-RTY1 Datasheet HTML 78Page - Texas Instruments CC1010-RTY1 Datasheet HTML 79Page - Texas Instruments CC1010-RTY1 Datasheet HTML 80Page - Texas Instruments CC1010-RTY1 Datasheet HTML 81Page - Texas Instruments CC1010-RTY1 Datasheet HTML 82Page - Texas Instruments CC1010-RTY1 Datasheet HTML 83Page - Texas Instruments CC1010-RTY1 Datasheet HTML 84Page - Texas Instruments CC1010-RTY1 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 150 page
background image
CC1010
SWRS047A
Page 81 of 146
ADCON (0x93) - ADC Control Register
Bit
Name
R/W
Reset value
Description
7
AD_PD
R/W
1
ADC Power down bit.
0 : ADC is active
1 : ADC is in power down
6
-
R0
0
Reserved, read as 0
5:4
ADCM(1:0)
R/W
00
ADC Mode:
00 :
Single-conversion mode. (Interrupt when
threshold condition holds true, stop after one
conversion.)
01 :
Multi-conversion mode, continuous. (Interrupt
when threshold condition holds true, continue sampling.)
10 :
Multi-conversion mode, stopping. (Interrupt
when threshold condition holds true, stop sampling.)
11:
Multi-conversion mode, reset-generating.
(Generate reset when threshold condition holds true.)
3
ADCREF
R/W
0
Select the internal ADC Voltage Reference
0 : Voltage reference is VDD
1 : Voltage reference is 1.25 V, generated on chip.
2
ADCRUN
R/W
0
ADC run control. Setting this bit in software will start
ADC operation in single- or multi-conversion mode. In
single conversion mode this bit is cleared by hardware
when the single conversion is done. Multi-conversion
operation can be halted at the end of the current
conversion by clearing this bit. (When ADCM=10 the
hardware clears this bit when stopping.)
1:0
ADADR(1:0)
R/W
00
Select the analog input to the ADC
00 : Mux data from the AD0 pin
01 : Mux data from the AD1 pin
10 : Mux data from the AD2 (RSSI/IF) pin
11 : Mux data from the AD0 pin with AD1 as an external
reference. ADCREF is ignored in this setting
ADDATL (0x94) - ADC Data Register, Low Byte
Bit
Name
R/W
Reset value
Description
7:0
ADDAT(7:0)
R
0x00
8 LSB of ADC data output
ADDATH (0x95) - ADC Data Register, High Bits
Bit
Name
R/W
Reset value
Description
7:2
-
R0
0x00
Reserved, read as 0
1:0
ADDAT(9:8)
R
0x00
2 MSB of ADC data output, latched when ADDATL is
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com