Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 75 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 75 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 71Page - Texas Instruments CC1010-RTY1 Datasheet HTML 72Page - Texas Instruments CC1010-RTY1 Datasheet HTML 73Page - Texas Instruments CC1010-RTY1 Datasheet HTML 74Page - Texas Instruments CC1010-RTY1 Datasheet HTML 75Page - Texas Instruments CC1010-RTY1 Datasheet HTML 76Page - Texas Instruments CC1010-RTY1 Datasheet HTML 77Page - Texas Instruments CC1010-RTY1 Datasheet HTML 78Page - Texas Instruments CC1010-RTY1 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 150 page
background image
CC1010
SWRS047A
Page 75 of 146
16.9 DES Encryption / Decryption
DES encryption / decryption is supported
by hardware in
CC1010. Blocks of data
ranging from 1 to 256 bytes can be
encrypted / decrypted in one operation by
the DES module. Multiple encryption /
decryption operations can also be used on
larger data blocks.
Encryption is the process of encoding an
information bit stream to secure the data
content. The DES algorithm is a common,
simple and well-established encryption
routine. An encryption key of 56 bits is
used to encrypt the message. The receiver
must use the exact same key to decrypt
the message, otherwise the message will
be
scrambled.
The
encryption
and
decryption
operations
in
the
DES
algorithm are symmetrical operations with
the
same computational
requirements.
The operations produce the same number
of output bytes as input bytes. The
strength of an encryption algorithm is
determined by the number of bits in the
key, the more the better. The DES
algorithm offers a low to medium level of
security. If higher levels of security are
required, a triple DES algorithm can be
used. Triple DES can be achieved by
running the DES algorithm three times
sequentially using three different 56-bit
encryption keys. The keys must be used in
reverse order when decrypting.
The DES algorithm works internally on
entities of 8 bytes. The Output Feedback
Mode (OFB) and Cipher Feedback Mode
(CFB) are DES modes of operation that
permit data lengths that are not a multiple
of eight bytes. The operation mode is
selected
through
the
CRPCON.CRPMD
control bit. The same DES mode of
operation
must
be
used
both
for
encryption and decryption to yield correct
results. CFB is recommended, as it is
more secure than OFB.
CRPCON.ENCDEC
should be cleared when
encrypting data and set when decrypting
data.
56 bit DES keys are stored in external
RAM, as shown in Table 24. The location
is
given
by
the
register
CRPKEY
,
containing the 8 most significant address
bits. New keys are loaded only at the
beginning of an encryption / decryption if
CRPCON.LOADKEYS
is set. If not, the
same keys as used in the previous run will
be used again.
The DES keys do not contain parity bits. If
DES keys with parity bits are given, the
parity
bits
must
be
removed
before
performing encryption / decryption. The
keys are therefore stored as 7 successive
bytes in RAM.
After running the DES, a output block O of
length CRPCNT bytes is generated by
encrypting / decrypting the input block I of
same length as O using key K1 as follows:
O
=EK1(I)
(encryption)
O
=DK1(I)
(decryption)
The following is an example on how to use
the single DES algorithm hardware in
CC1010. First the 56-bit encryption key
must be stored in the external RAM. Then
the CRPKEY register must be written to
point to the start of the encryption key.
Note that the encryption key must start on
a RAM address location divisible by 8.
Then the data bit stream to encrypt must
be stored in the external RAM. The data
bit stream must consist of at least 1 byte
up to a maximum of 256 bytes, and it must
also start on a RAM address location
divisible by 8. The CRPDAT register must
be written to point to the start of the data
bit stream, and CRPCNT must be written to
give the number of bytes to be encrypted.
Then
the
CRPINI0,
CRPINI1,
CRPINI2,
CRPINI3,
CRPINI4,
CRPINI5,
CRPINI6,
CRPINI7
registers must be written to contain the
DES initialisation vector used in the OFB
and
CFB
modes
of
operation.
For
simplicity it can be set to all zeros. Note
that the initialisation vector must be the
same for both encryption and decryption to
yield
correct
results.
To
initiate
the
encryption the CRPCON register must be
written. The bits in this register select
encryption/decryption,
feedback
mode,
and DES interrupt enable. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com