Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 25 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 21Page - Texas Instruments CC1010-RTY1 Datasheet HTML 22Page - Texas Instruments CC1010-RTY1 Datasheet HTML 23Page - Texas Instruments CC1010-RTY1 Datasheet HTML 24Page - Texas Instruments CC1010-RTY1 Datasheet HTML 25Page - Texas Instruments CC1010-RTY1 Datasheet HTML 26Page - Texas Instruments CC1010-RTY1 Datasheet HTML 27Page - Texas Instruments CC1010-RTY1 Datasheet HTML 28Page - Texas Instruments CC1010-RTY1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 150 page
background image
CC1010
SWRS047A
Page 25 of 146
Mnemonic
Description
SUBB A, @Ri
Subtract data memory from A with
borrow
1
1
96-97
x
x
x
x
SUBB A, #data
Subtract immediate from A with
borrow
2
2
94
x
x
x
x
INC A
Increment A
1
1
04
x
INC Rn
Increment register
1
1
08-0F
INC direct
Increment direct byte
2
2
05
INC @Ri
Increment data memory
1
1
06-07
DEC A
Decrement A
1
1
14
x
DEC Rn
Decrement register
1
1
18-1F
DEC direct
Decrement direct byte
2
2
15
DEC @Ri
Decrement data memory
1
1
16-17
INC DPTR
Increment data pointer
1
3
A3
MUL AB
Multiply A by B
1
5
A4
x
x
x
DIV AB
Divide A by B
1
5
84
x
x
x
DA A
Decimal adjust A
1
1
D4
x
x
Logical
ANL A, Rn
AND register to A
1
1
58-5F
x
ANL A, direct
AND direct byte to A
2
2
55
x
ANL A, @Ri
AND data memory to A
1
1
56-57
x
ANL A, #data
AND immediate to A
2
2
54
x
ANL direct, A
AND A to direct byte
2
2
52
ANL direct, #data
AND immediate data to direct byte
3
3
53
ORL A, Rn
OR register to A
1
1
48-4F
x
ORL A, direct
OR direct byte to A
2
2
45
x
ORL A, @Ri
OR data memory to A
1
1
46-47
x
ORL A, #data
OR immediate to A
2
2
44
x
ORL direct, A
OR A to direct byte
2
2
42
ORL direct, #data
OR immediate data to direct byte
3
3
43
XRL A, Rn
Exclusive-OR register to A
1
1
68-6F
x
XRL A, direct
Exclusive-OR direct byte to A
2
2
65
x
XRL A, @Ri
Exclusive-OR data memory to A
1
1
66-67
x
XRL A, #data
Exclusive-OR immediate to A
2
2
64
x
XRL direct, A
Exclusive-OR A to direct byte
2
2
62
XRL direct, #data
Exclusive-OR immediate to direct
byte
3
3
63
CLR A
Clear A
1
1
E4
x
CPL A
Complement A
1
1
F4
x
SWAP A
Swap nibbles of A
1
1
C4
RL A
Rotate A left
1
1
23
RLC A
Rotate A left through carry
1
1
33
x
x
RR A
Rotate A right
1
1
03
RRC A
Rotate A right through carry
1
1
13
x
x
Data Transfer
MOV A, Rn
Move register to A
1
1
E8-
EF
x
MOV A, direct
Move direct byte to A
2
2
E5
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com