Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 103 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 103 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 99Page - Texas Instruments CC1010-RTY1 Datasheet HTML 100Page - Texas Instruments CC1010-RTY1 Datasheet HTML 101Page - Texas Instruments CC1010-RTY1 Datasheet HTML 102Page - Texas Instruments CC1010-RTY1 Datasheet HTML 103Page - Texas Instruments CC1010-RTY1 Datasheet HTML 104Page - Texas Instruments CC1010-RTY1 Datasheet HTML 105Page - Texas Instruments CC1010-RTY1 Datasheet HTML 106Page - Texas Instruments CC1010-RTY1 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 150 page
background image
CC1010
SWRS047A
Page 103 of 146
whenever
two
bits
are
equal
and
incremented whenever two successive bits
are different. The counter is limited and
will not overflow. A seven-bit threshold is
programmable through PDET.PLEN. Not
until
this
counter
equals
or
exceeds
PDET.PLEN
will a synchronization byte be
accepted.
CC1010 is able to detect
preambles (including the synchronization
byte) with minimum lengths from 10 to 135
bits.
When the requisite number of alternating
zeros and ones has been received, a
special state is entered where a deviation
from the 0-1-pattern is searched for. Once
a
bit
does
not
correspond
to
the
alternating bits pattern, a synchronization
byte matching that defined in BSYNC must
occur within a maximum of seven bits,
otherwise
the
receiver
will
reset
its
preamble counter and go back to the
preamble detection mode.
If, however, a match is found before the
timeout,
the
synchronization
byte
is
transferred to RFBUF and an EXIF.RFIF
interrupt request generated, after which
the
receiver
enters
normal
reception
mode. For both the examples shown in
Figure 29, BSYNC should be set to
10100101 (0xA5).
PDET.PEN
is not cleared by hardware
when the preamble is detected, but it will
not affect the reception of data. It can be
cleared or left set, decided by what is
more practical for the software developer.
However,
before
a
new
preamble
detection session is initiated, PDET.PEN
must be cleared.
If
manual
average
filter
locking
is
performed, the average filter should be
locked after receiving the synchronization
byte in NRZ mode. (See the Reception
section on page 96 for details.) As
mentioned above it is vital that the
synchronization byte is DC-balanced and
contains no more than two consecutive
ones or zeros in order to achieve a good
average filter lock in this case.
17.10.1 Estimating the required
preamble length
The preamble length is determined by
several factors. First, the receiver circuitry
needs some time to settle. Second, the
averaging filter must acquire a correct
value. Third, the preamble detection circuit
must receive the required number of bits.
The first factor depends on the data rate
and will be limited to only a few bits. The
number of bits required by the averaging
filter is a bit tricky to calculate, but
estimates of the maximum bound are
given in Table 31 and Table 32. The
number of bits required will vary because
the updating of the averaging filter is not
synchronised
to
the
start
of
the
transmission. RF noise can complicate the
issue further.
To determine an approximate preamble
length, add the estimated number of bits
required by the averaging filter with the
preamble detector setting. Round the
number of bits up to the closest multiple of
8 and use this as a starting point. For time-
critical applications where it is important to
use as short preamble as possible, the
preamble length should be optimized by
experimentation.
17.10.2 Manchester violations
In some RF-applications using Manchester
coding,
violations
of
the
Manchester
coding have been used for start- and end-
of-frame delimiters. Furthermore some
implementations use a sequence of all
ones or all zeros for a preamble instead of
an
alternating
zero-one
sequence.
Although an all zero or all one sequence
will
certainly
be
DC-balanced
once
Manchester coded, the receiver is unable
to decide whether it is receiving an all zero
or an all one sequence, since only the bit
synchronization will separate these.
In
order
to
facilitate
reception
and
transmission
of
such
special
cases,
support has been implemented in
CC1010
for allowing the data format to be changed
in
the
middle
of
a
reception
or
transmission. Furthermore, violations of
the Manchester coding format is reported
in the status bit RFCON.MVIOL. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com