Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 109 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 109 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 105Page - Texas Instruments CC1010-RTY1 Datasheet HTML 106Page - Texas Instruments CC1010-RTY1 Datasheet HTML 107Page - Texas Instruments CC1010-RTY1 Datasheet HTML 108Page - Texas Instruments CC1010-RTY1 Datasheet HTML 109Page - Texas Instruments CC1010-RTY1 Datasheet HTML 110Page - Texas Instruments CC1010-RTY1 Datasheet HTML 111Page - Texas Instruments CC1010-RTY1 Datasheet HTML 112Page - Texas Instruments CC1010-RTY1 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 150 page
background image
CC1010
SWRS047A
Page 109 of 146
FREQ_0B (0xCD) - Frequency B, Control Register 0
Bit
Name
R/W
Reset value
Description
7:0
FREQ_B(7:0)
R/W
0x4E
8 LSB of frequency control word B.
FSEP1 (0xEB) - Frequency Separation Control Register 1
Bit
Name
R/W
Reset value
Description
7:3
-
R0
0
Reserved, read as 0
2:0
FSEP(10:8)
R/W
0x00
3 MSB of the frequency separation control word FSEP
FSEP0 (0xEA) - Frequency Separation Control Register 0
Bit
Name
R/W
Reset value
Description
7:0
FSEP(7:0)
R/W
0x59
8 LSB of the frequency separation control word FSEP
PLL (0xE3) - PLL Control Register
Bit
Name
R/W
Reset value
Description
7:3
REFDIV(4:0)
R/W
0x02
Reference divider setting. The main crystal oscillator
frequency is divided by REFDIV to create the RF
reference frequency fref. Valid REFDIV settings are 2
through 24, as described above.
2
ALARM_
DISABLE
R/W
0
Disable / Enable the generation of the ALARM_H and
ALARM_L
bits
0 : Alarm function enabled
1 : Alarm function disabled
1
ALARM_H
R
None
Status bit for tuning voltage out of range (too close to
VDD)
The PLL should be re-calibrated if this bit is set
0
ALARM_L
R
None
Status bit for tuning voltage out of range (too close to
GND)
The PLL should be re-calibrated if this bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com