Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 105 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 101Page - STMicroelectronics SPSB100 Datasheet HTML 102Page - STMicroelectronics SPSB100 Datasheet HTML 103Page - STMicroelectronics SPSB100 Datasheet HTML 104Page - STMicroelectronics SPSB100 Datasheet HTML 105Page - STMicroelectronics SPSB100 Datasheet HTML 106Page - STMicroelectronics SPSB100 Datasheet HTML 107Page - STMicroelectronics SPSB100 Datasheet HTML 108Page - STMicroelectronics SPSB100 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 213 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
tVREG_UV(1)
VREG undervoltage filter time
12
15
22
μs
tVREG_stup(1) VREG max start-up delay time for power-good
1.6
2
2.51
ms
IVREG_CCmax Short circuit output current (to GND)
Current limitation in active-full power
125
260
380
mA
CVREG(2)
Load capacitor
Ceramic
3
4.7
10
µF
1. Digital implementation guaranteed by scan test.
2. Nominal capacitor value required for stability of the regulator. Tested with 4.7 µF ceramic (±20%). The capacitor must be
located close to the regulator output pin.
7.23
BIST timing
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
7.5 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 49. BIST timing
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TLBIST
Logical BIST execution timing
Covered by scan
12.1
14.6
18.3
ms
TABIST
Analog BIST execution timing
Covered by scan
83
100
188
μs
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 105/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com