Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 105Page - STMicroelectronics SPSB100 Datasheet HTML 106Page - STMicroelectronics SPSB100 Datasheet HTML 107Page - STMicroelectronics SPSB100 Datasheet HTML 108Page - STMicroelectronics SPSB100 Datasheet HTML 109Page - STMicroelectronics SPSB100 Datasheet HTML 110Page - STMicroelectronics SPSB100 Datasheet HTML 111Page - STMicroelectronics SPSB100 Datasheet HTML 112Page - STMicroelectronics SPSB100 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 213 page
background image
ΔIL=IRipple=0.3IOUTMAX
(1)
Where IOUT(MAX) is the maximum output current.
Then, the inductor value can be estimated by the following equation:
L> 1fSWXΔILXVOUTX1− VOUTVINMAX
Where fSW is the switching frequency and VIN(max) is the maximum input voltage.
The peak current flowing in the inductor is: ILPEAK=IOUTMAX+ΔIL2
If the inductor value decreases, the peak current increases. The peak current has to be lower than the current
limit of the device. The inductor should have a saturation current higher than the device current limit.
Note:
To meet slope compensation, L needs to meet the following equation:
L>12XVOUTIslope
With Islope = 650 mA × fSW.
8.2.2
BUC3 inductor
The value of the output inductor is usually calculated to satisfy the peak-to-peak ripple current requirement. For
the best compromise of cost, size and performance, it is suggested to keep the inductor current ripple between
20% and 40% of maximum load current.
For example, if:
ΔIL=IRipple=0.3IOUTMAX
(2)
Where IOUT(MAX) is the maximum output current.
Then, the inductor value can be estimated by the following equation:
L> 1fSWXΔILXVOUTX1− VOUTVINMAX
(3)
Where fSW is the switching frequency and VIN(max) is the maximum input voltage.
The peak current flowing in the inductor is:
ILPEAK =IOUTMAX+ΔIL2
(4)
If the inductor value decreases, the peak current increases. The peak current has to be lower than the current
limit of the device. The inductor should have a saturation current higher than the device current limit.
Note:
To meet slope compensation, L needs to meet the following equation:
L>12XVOUTIslope
(5)
With Islope = 325 mA × fSW.
SPSB100
Application circuit
DS14640 - Rev 2
page 109/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com