Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 120 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 116Page - STMicroelectronics SPSB100 Datasheet HTML 117Page - STMicroelectronics SPSB100 Datasheet HTML 118Page - STMicroelectronics SPSB100 Datasheet HTML 119Page - STMicroelectronics SPSB100 Datasheet HTML 120Page - STMicroelectronics SPSB100 Datasheet HTML 121Page - STMicroelectronics SPSB100 Datasheet HTML 122Page - STMicroelectronics SPSB100 Datasheet HTML 123Page - STMicroelectronics SPSB100 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 213 page
background image
Bit
Name
Description
1: Enable
Protected by SPI_PROTECT_ACCESS bit
0: Disabled
Note that, after the first power-up is needed to align the live bit associated in DSR18
(VBUCK3_ENA_STATUS) with the current value associated in DCR1
12
VBUCK2_ENA
BUCK2 enable bit (default value link to start up sequence setting)
1: Enable
Protected by SPI_PROTECT_ACCESS bit
0: Disabled
Note that, after the first power-up is needed to align the live bit associated in DSR18
(VBUCK2_ENA_STATUS) with the current value associated in DCR1
11
VBUCK1_ENA
BUCK1 enable bit (default value link to start up sequence setting)
1: Enable
Protected by SPI_PROTECT_ACCESS bit
0: Disabled
Note that, after the first power-up is needed to align the live bit associated in DSR18
(VBUCK1_ENA_STATUS) with the current value associated in DCR1
10
LDO1_ENA
LDO1 enable bit (default value link to start up sequence setting)
1: Enable
0: Disabled
Protected by SPI_PROTECT_ACCESS bit
Note that, after the first power-up is needed to align the live bit associated in DSR18
(LDO1_ENA_STATUS) with the current value associated in DCR1
9
LDO2_ENA
LDO2 enable bit (default value link to start up sequence setting)
1: Enable
0: Disabled
Protected by SPI_PROTECT_ACCESS bit
Note that, after the first power-up is needed to align the live bit associated in DSR18
(LDO2_ENA_STATUS) with the current value associated in DCR1
8
LOW_POWER_SET
Set low power mode
1: Go to low power
0: Back to full power
Protected by SPI_PROTECT_ACCESS bit
Table 63. DCR1 (0x01) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
WD_LP_ENA
DO_POWER_DOWN
U-
NVM_PROG
DO_POWER_CYCLE
CRC3
CRC2
CRC1
CRC0
Watchdog in
low power
mode enable
bit
Power-down
sequence bit
User NVM
program bit
Power cycle bit
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 64. DCR1 (0x01) LSB description
Bit
Name
Description
7
WD_LP_ENA
1: Watchdog is enabled in low power mode (default)
SPSB100
SPI registers
DS14640 - Rev 2
page 120/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com