Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 122 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 118Page - STMicroelectronics SPSB100 Datasheet HTML 119Page - STMicroelectronics SPSB100 Datasheet HTML 120Page - STMicroelectronics SPSB100 Datasheet HTML 121Page - STMicroelectronics SPSB100 Datasheet HTML 122Page - STMicroelectronics SPSB100 Datasheet HTML 123Page - STMicroelectronics SPSB100 Datasheet HTML 124Page - STMicroelectronics SPSB100 Datasheet HTML 125Page - STMicroelectronics SPSB100 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 213 page
background image
Bit
Name
Description
16
FCCU_COUNTER_11
Table 67. DCR2 (0x02)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
FCCU_COUNTER_10
FCCU_COUNTER_9
FCCU_COUNTER_8
FCCU_COUNTER_7
FCCU_COUNTER_6
FCCU_COUNTER_5
FCCU_COUNTER_4
FCCU_COUNTER_3
FCCU counter bit 10
FCCU counter bit 9
FCCU counter bit 8
FCCU counter bit 7
FCCU counter bit 6
FCCU counter bit 5
FCCU counter bit 4
FCCU counter bit 3
Table 68. DCR2 (0x02) description
Bit
Name
Description
15
FCCU_COUNTER_10
14
FCCU_COUNTER_9
13
FCCU_COUNTER_8
12
FCCU_COUNTER_7
11
FCCU_COUNTER_6
10
FCCU_COUNTER_5
9
FCCU_COUNTER_4
8
FCCU_COUNTER_3
Table 69. DCR2 (0x02) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
FCCU_COUNTER_2 FCCU_COUNTER_1 FCCU_COUNTER_0
FCCU_ENA
CRC3
CRC2
CRC1
CRC0
FCCU counter bit 2
FCCU counter bit 1
FCCU counter bit 0
FCCU monitor
enable bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 70. DCR2 (0x02) LSB description
Bit
Name
Description
7
FCCU_COUNTER_2
6
FCCU_COUNTER_1
5
FCCU_COUNTER_0
4
FCCU_ENA
Enable FCCU monitor
1: Enabled
0: Disabled (pull-up/down defined by FCCU_STATIC_ERROR)
Protected by SPI_PROTECT_ACCESS bit
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
SPSB100
SPI registers
DS14640 - Rev 2
page 122/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com