Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 127 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 123Page - STMicroelectronics SPSB100 Datasheet HTML 124Page - STMicroelectronics SPSB100 Datasheet HTML 125Page - STMicroelectronics SPSB100 Datasheet HTML 126Page - STMicroelectronics SPSB100 Datasheet HTML 127Page - STMicroelectronics SPSB100 Datasheet HTML 128Page - STMicroelectronics SPSB100 Datasheet HTML 129Page - STMicroelectronics SPSB100 Datasheet HTML 130Page - STMicroelectronics SPSB100 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 213 page
background image
Bit
Name
Description
This bit is always read low
21
CLR_DEEP_SLEEP_FROM_DO_POWER_DOWN
Clear DEEP-SLEEP_FROM_DO_POWER_DOWN to 0
This bit is always read low
20
CLR_POWUP_RETRY_COUNT
Clear POWUP_RETRY_CNT to 0
This bit is always read low
19
T1_ENA_2
Configuration of timer 1 ON duration
000: tON1 - 0.1 ms (default)
001: tON2 - 0.3 ms
010: tON3 - 1 ms
011: tON4 - 10 ms
1xx: tON5 - 20 ms
18
T1_ENA_1
17
T1_ENA_0
16
T1_PER_2
Configuration of timer 1 period
000: T1 - 10 ms (default)
001: T2 - 20 ms
010: T3 - 50 ms
011: T4 - 100 ms
100: T5 - 200 ms
101: T6 - 500 ms
110: T7 - 1000 ms
111: T8 - 2000 ms
Table 85. DCR5 (0x05)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
1 (R/W)
0 (R/W)
0 (R/W)
T1_PER_1
T1_PER_0
TIMER_WAKE_ENA
IGN_CONFIG
IGN_FILT
IGN_ENA
IGN_PU
WU_CONFIG
Timer 1
period bit 1
Timer 1
period bit 0
Timer wake-up
enable bit
IGN
configuration
bit
IGN filter
configuration
bit
IGN
enable bit
IGN pull-up/
down
configuration
bit
Wake-up
configuration
bit
Table 86. DCR5 (0x05) description
Bit
Name
Description
15
T1_PER_1
14
T1_PER_0
13 TIMER_WAKE_ENA
Timer wake up enable
1: Wake after timer period
0: No timer wake up capability
12
IGN_CONFIG
Configuration of input pin IGN input configured as wake-up input
1: IGN voltage measurement enabled
0: IGN configured as wake-up input (default)
11
IGN_FILT
IGN filter configuration bits
SPSB100
SPI registers
DS14640 - Rev 2
page 127/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com