Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 129 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 125Page - STMicroelectronics SPSB100 Datasheet HTML 126Page - STMicroelectronics SPSB100 Datasheet HTML 127Page - STMicroelectronics SPSB100 Datasheet HTML 128Page - STMicroelectronics SPSB100 Datasheet HTML 129Page - STMicroelectronics SPSB100 Datasheet HTML 130Page - STMicroelectronics SPSB100 Datasheet HTML 131Page - STMicroelectronics SPSB100 Datasheet HTML 132Page - STMicroelectronics SPSB100 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 213 page
background image
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
RES
MASK_BUCK3_PG_TIMEOUT_IRQ
MASK_BUCK3_OC_IRQ
MASK_BUCK3_PG_IRQ
MASK_BUCK3_IRQ
MASK_BUCK2_PG_TIMEOUT_IRQ
MASK_BUCK2_OC_IRQ
MASK_BUCK2_PG_IRQ
Reserved
Mask BUCK3 PG timeout interrupt bit
Mask BUCK3 over current
interrupt bit
Mask BUCK3 PG interrupt bit
Mask BUCK3 interrupt
bit
Mask BUCK2 PG timeout interrupt bit
Mask BUCK2 over current
interrupt bit
Mask BUCK2 PG interrupt bit
Table 90. DCR6 (0x06) MSB description
Bit
Name
Description
23
RES
Reserved
22 MASK_BUCK3_PG_TIMEOUT_IRQ
Mask BUCK PG timeout interruption when turned on by SPI command
When turned on by a power-up sequence, IRQ is never masked
1: IRQ signal is not generated
0: IRQ signal is generated (default)
21
MASK_BUCK3_OC_IRQ
Mask BUCK over current interruption
1: IRQ signal is not generated
0: IRQ signal is generated (default)
20
MASK_BUCK3_PG_IRQ
Mask BUCK power-good interruption when turned ON through SPI
1: IRQ signal is not generated
0: IRQ signal is generated when the regulator is turned ON through SPI (default)
19
MASK_BUCK3_IRQ
Mask BUCK interruption for over voltage, undervoltage and for buck internal OV or
UV in high or low power
1: IRQ signal is not generated
0: IRQ signal is generated (default)
18 MASK_BUCK2_PG_TIMEOUT_IRQ
Mask BUCK PG timeout interruption when turned on by SPI command
When turned on by power-up sequence, IRQ is never masked
1: IRQ signal is not generated
0: IRQ signal is generated (default)
17
MASK_BUCK2_OC_IRQ
Mask BUCK over current interruption
1: IRQ signal is not generated
0: IRQ signal is generated (default)
16
MASK_BUCK2_PG_IRQ
reserved
Table 91. DCR6 (0x06)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
MASK_BUCK2_IRQ
MASK_BUCK1_PG_TIMEOUT_IRQ
MASK_BUCK1_OC_IRQ
MASK_BUCK1_PG_IRQ
MASK_BUCK1_IRQ
MASK_FBB_OV_IRQ
MASK_FBB_UV_IRQ
MASK_FBB_OV_EW_IRQ
Mask BUCK2 interrupt
bit
Mask BUCK1 PG timeout interrupt bit
Mask BUCK1 overcurrent
interrupt bit
Mask BUCK1 PG interrupt
bit
Mask BUCK1 interrupt
bit
Mask FBB overvoltage
interrupt bit
Mask FBB undervoltage
interrupt bit
Mask FBB overvoltage early
warning interrupt bit
Table 92. DCR6 (0x06) description
Bit
Name
Description
15
MASK_BUCK2_IRQ
Mask BUCK interruption for over voltage, undervoltage and for buck internal OV or
UV in high or low power
1: IRQ signal is not generated
0: IRQ signal is generated (default)
14 MASK_BUCK1_PG_TIMEOUT_IRQ
Mask BUCK PG timeout interruption when turned on by SPI command
When turned on by a power-up sequence, IRQ is never masked
1: IRQ signal is not generated
SPSB100
SPI registers
DS14640 - Rev 2
page 129/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com