Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 133 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 129Page - STMicroelectronics SPSB100 Datasheet HTML 130Page - STMicroelectronics SPSB100 Datasheet HTML 131Page - STMicroelectronics SPSB100 Datasheet HTML 132Page - STMicroelectronics SPSB100 Datasheet HTML 133Page - STMicroelectronics SPSB100 Datasheet HTML 134Page - STMicroelectronics SPSB100 Datasheet HTML 135Page - STMicroelectronics SPSB100 Datasheet HTML 136Page - STMicroelectronics SPSB100 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 213 page
background image
Table 102. DCR8 (0x08) MSB description
Bit
Name
Description
23
RES
reserved
22
MASK_SWDBG_VIO_IRQ
Mask IRQ when SWDBG is still at VIO at the end of timeout detection. In this case,
watchdog is restarted with a long open window and SWDBG is ignored.
1: IRQ is masked
0: IRQ not masked
21
MASK_LP_READY_IRQ
Mask IRQ when FSM goes to low power state.
1: IRQ is masked
0: IRQ not masked
20
CLR_TSD_CNT_FAIL
Clear TSD_CNT_FAIL to 0
This bit is always read low
19 MASK_BUCK3_OC_POWER_OFF
Mask regulator over current as source of its power off
1: Regulator is not turned off after an over current occurs
0: Regulator is turned off after an over current occurs
18 MASK_BUCK2_OC_POWER_OFF
Mask regulator over current as source of its power off
1: Regulator is not turned off after an over current occurs
0: Regulator is turned off after an over current occurs
17 MASK_BUCK1_OC_POWER_OFF
Mask regulator over current as source of its power off
1: Regulator is not turned off after an over current occurs
0: Regulator is turned off after an over current occurs
16 MASK_BUCK3_UV_POWER_OFF
Mask regulator under voltage as source of its power off
1: Regulator is not turned off after an under voltage occurs
0: Regulator is turned off after an under voltage occurs
Table 103. DCR8 (0x08)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
MASK_BUCK2_UV_POWER_OFF
MASK_BUCK1_UV_POWER_OFF
MASK_TW_GW
MASK_OL_GSB
RES
MASK_GW_GSB
RES
RES
Mask BUCK2 undervoltage power off bit
Mask BUCK1 undervoltage power off bit
Mask thermal warning GW bit
Mask open load GSB bit
RES
Mask global warning GSB bit
RES
Reserved
Table 104. DCR8 (0x08) description
Bit
Name
Description
15 MASK_BUCK2_UV_POWER_OFF
Mask regulator undervoltage as source of its power off
1: Regulator is not turned off after an undervoltage occurs
0: Regulator is turned off after an undervoltage occurs
14 MASK_BUCK1_UV_POWER_OFF
Mask regulator undervoltage as source of its power off
1: Regulator is not turned off after an undervoltage occurs
0: Regulator is turned off after an undervoltage occurs
13
MASK_TW_GW
Mask thermal Warnings
1: Thermal warnings are masked in GW
0: Thermal warnings are not masked (default)
12
MASK_OL_GSB
Mask open-load
1: Open-load condition at OUTHS is masked
It is reported as a functional error 1 (GSB bit 3) but not as a global error (GSB bit 7)
SPSB100
SPI registers
DS14640 - Rev 2
page 133/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com