Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 173 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 169Page - STMicroelectronics SPSB100 Datasheet HTML 170Page - STMicroelectronics SPSB100 Datasheet HTML 171Page - STMicroelectronics SPSB100 Datasheet HTML 172Page - STMicroelectronics SPSB100 Datasheet HTML 173Page - STMicroelectronics SPSB100 Datasheet HTML 174Page - STMicroelectronics SPSB100 Datasheet HTML 175Page - STMicroelectronics SPSB100 Datasheet HTML 176Page - STMicroelectronics SPSB100 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 213 page
background image
Bit
Name
Description
1: Input level is high
The bit shows the current state of SWDBG and cannot be cleared (“live bit”)
0: Input level is low
19
RES
Reserved
18
RES
Reserved
17
RES
Reserved
16
RES
Reserved
Table 242. DSR6 (0x26)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RC1L)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
RES
FIN1_STATE IGN_STATE
WU_STATE
IGN_WAKE
WU_WAKE
RES
TIMER_WAKE
Reserved bit FIN1 state bit IGN state bit
Wake-up state
bit
IGN wake up bit Wake-up bit Reserved bit Timer wake up bit
Table 243. DSR6 (0x26) description
Bit
Name
Description
15
RES
Reserved
14
FIN1_STATE
state of FIN1 input
1: Input level is high
The bit shows the current state of FIN1 and cannot be cleared (“live bit”)
0: Input level is low
13
IGN_STATE
state of IGN input
1: Input level is high
The bit shows the momentary status of IGN and cannot be cleared (“live bit”)
Note that the status is only valid if IGN is configured as wake-up input in configuration register (0x05).
Otherwise this bit is read at its previous logic state
0: Input level is low
12
WU_STATE
state of WU input
1: Input level is high
The bit shows the momentary status of WU and cannot be cleared (“live bit”)
Note that the status is only valid if WU is configured as wake-up input in configuration register (0x05).
Otherwise this bit is read at its previous logic state
0: Input level is low
11
IGN_WAKE
Wake-up by IGN: shows wake up source
1: Wake-up
Bits are latched until a “read and clear” command
10
WU_WAKE
Wake-up by WU: shows wake up source
1: Wake-up
Bits are latched until a “read and clear” command
9
RES
Reserved
8
TIMER_WAKE
Wake-up by timer: shows wake up source
1: Wake-up
Bits are latched until a “read and clear” command
SPSB100
SPI registers
DS14640 - Rev 2
page 173/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com