Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 174 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 170Page - STMicroelectronics SPSB100 Datasheet HTML 171Page - STMicroelectronics SPSB100 Datasheet HTML 172Page - STMicroelectronics SPSB100 Datasheet HTML 173Page - STMicroelectronics SPSB100 Datasheet HTML 174Page - STMicroelectronics SPSB100 Datasheet HTML 175Page - STMicroelectronics SPSB100 Datasheet HTML 176Page - STMicroelectronics SPSB100 Datasheet HTML 177Page - STMicroelectronics SPSB100 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 213 page
background image
Table 244. DSR6 (0x26) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (RC1L)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
IRQ_ECHO
NRST_ECHO
IRQ_SENT
NFSO1_ECHO
CRC3
CRC2
CRC1
CRC0
Interrupt
echo bit
NRST echo bit
Interrupt
sent bit
NFSO1_echo bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 245. DSR6 (0x26) LSB description
Bit
Name
Description
7
IRQ_ECHO
Indicates current status of IRQ pin.
1: High
It is a live bit
6
NRST_ECHO
Indicates current status of NRST pin.
1: High
It is a live bit
5
IRQ_SENT
IRQ sent from IRQ_REQUEST rising
1: IRQ sent
4
NFSO1_ECHO
Indicates current status of NFSO1 pin.
1: High
It is a live bit
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 246. DSR7 (0x27) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (RC1L)
0 (RC1L)
0 (R)
0 (RC1L)
0 (R)
0 (R)
0 (R)
RES
VPOR
LDO1_PG_OK
LDO2_ENA_STATUS
LDO2_PG_OK
FCCU_ENA_ECHO
WD_ENA_ECHO
WD_TIMER_STATE_1
Reserved
Vs power on
reset bit
LDO1 power-good ok
bit
LDO2 enable status bit
LDO2 power-good ok
bit
FCCU enable echo bit
Watchdog enable echo
bit
Watchdog timer state bit 1
Table 247. DSR7 (0x27) MSB description
Bit
Name
Description
23
RES
Reserved
22
VPOR
VS power-on reset threshold (VPOR) reached bit is latched until a "Read and clear" command
21
LDO1_PG_OK
Indicates power-good LDO1 bit is latched until a “read and clear” command
20
LDO2_ENA_STATUS
LDO2 enable status bit. Live bit
LDO2 is a tracker and when disabled by SPI or UV or OV, this bit indicates the enable status
1: Enabled
0: Disabled
19
LDO2_PG_OK
1: Power-good reached after the regulator has been turned ON by power-up sequence or
through SPI
0: PG not reached
SPSB100
SPI registers
DS14640 - Rev 2
page 174/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com